Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-622 Datasheet (PDF) - Qualtek Electronics Corporation

Q-622 Datasheet PDF - Qualtek Electronics Corporation
Part # Q-622
Download  Q-622 Download
File Size   194.3 Kbytes
Page   1 Pages
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation
Description NEMA L6-15R LOCKING RECEPTACLE

Q-622 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q-622 Datasheet PDF - Qualtek Electronics Corporation

Part # Q-622
Download  Q-622 Click to download

File Size   194.3 Kbytes
Page   1 Pages
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation
Description NEMA L6-15R LOCKING RECEPTACLE

Q-622 Datasheet (HTML) - Qualtek Electronics Corporation




Similar Part No. - Q-622

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q-62702-G66 SIEMENS-Q-62702-G66 Datasheet
94Kb / 8P
GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
More results


Similar Description - Q-622

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130141-0068 MOLEX2-130141-0068 Datasheet
47Kb / 1P
Super-Safeway짰 Receptacle with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V
logo
PowerDynamics, Inc
PD-L515R-B POWERDYNAMICS-PD-L515R-B Datasheet
53Kb / 1P
NEMA L5-15R LOCKING RECEPTACLE
PD-L615C-B POWERDYNAMICS-PD-L615C-B Datasheet
53Kb / 1P
NEMA L6-15R CORD CONNECTOR 15A 250VAC; ASSEMBLY TYPE
PD-L615R-B POWERDYNAMICS-PD-L615R-B Datasheet
53Kb / 1P
NEMA L6-15R LOCKING RECEPTACLE
PD-L620R-B POWERDYNAMICS-PD-L620R-B Datasheet
59Kb / 1P
NEMA L6-20R LOCKING RECEPTACLE
PD-L630R-B POWERDYNAMICS-PD-L630R-B Datasheet
70Kb / 1P
NEMA L6-30R LOCKING RECEPTACLE
logo
Molex Electronics Ltd.
1301490040 MOLEX11-1301490040 Datasheet
36Kb / 1P
Safeway Flanged Receptacle with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
logo
Qualtek Electronics Cor...
740W-D-02 QUALTEK-740W-D-02 Datasheet
332Kb / 1P
DUPLEX RECEPTACLE, NEMA 5-15R
Q-610 QUALTEK-Q-610 Datasheet
192Kb / 1P
NEMA L5-15R LOCKING RECEPTACLE
Q-822 QUALTEK-Q-822 Datasheet
197Kb / 1P
NEMA L6-15P LOCKING DEVICE
More results



Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com