Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186EM-25VC/W Datasheet (PDF) - Advanced Micro Devices

AM186EM-25VC/W Datasheet PDF - Advanced Micro Devices
Part # AM186EM-25VC/W
Download  AM186EM-25VC/W Download
File Size   1599.66 Kbytes
Page   98 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers

AM186EM-25VC/W Datasheet (PDF)

Go To PDF Page Download Datasheet
AM186EM-25VC/W Datasheet PDF - Advanced Micro Devices

Part # AM186EM-25VC/W
Download  AM186EM-25VC/W Click to download

File Size   1599.66 Kbytes
Page   98 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers

AM186EM-25VC/W Datasheet (HTML) - Advanced Micro Devices


AM186EM-25VC/W Product details

GENERAL DESCRIPTION

The Am186TM EM/EMLV and Am188TM EM/EMLV microcontrollers are the ideal upgrade for 80C186/188 and 80L186/188 microcontroller designs requiring 80C186/188 and 80L186/188 microcontroller compatibility, in creased performance, serial communications, and a direct bus interface. The Am186EM/EMLV and Am188EM/EMLV microcontrollers increase the performance of existing 80C186/188 and 80L186/188 systems while decreasing their cost.



DISTINCTIVE CHARACTERISTICS

E86TM family 80C186- and 80C188-compatible microcontrollers with enhanced bus interface

— Lower system cost with higher performance

— 3.3-V ±.3-V operation (Am186EMLV and Am188EMLV microcontrollers)

High performance

— 20-, 25-, 33-, and 40-MHz operating frequencies

— Supports zero-wait-state operation at 25 MHz with 110-ns static memory (Am186TM EMLV and Am188TM EMLV microcontrollers) and 40 MHz with 70-ns static memory (Am186TM EM and Am188TM EM microcontrollers)

— 1-Mbyte memory address space

— 64-Kbyte I/O space

New features provide faster access to memory and remove the requirement for a 2x clock input

— Nonmultiplexed address bus

— Phase-locked loop (PLL) allows processor to operate at the clock input frequency

New integrated peripherals provide increased functionality while reducing system cost

— Thirty-two programmable I/O (PIO) pins

— Asynchronous serial port allows full-duplex, 7-bit or 8-bit data transfers

— Synchronous serial interface allows half-duplex, bidirectional data transfer to and from ASICs

— Pseudo static RAM (PSRAM) controller includes auto refresh capability

— Reset configuration register

Familiar 80C186/80L186 peripherals

— Two independent DMA channels

— Programmable interrupt controller with six external interrupts

— Three programmable 16-bit timers—timer 1 can be used as a watchdog interrupt timer

— Programmable memory and peripheral chip-select logic

— Programmable wait state generator

— Power-save clock divider

Software-compatible with the 80C186/80C188 and 80L186 /80L188 microcontrollers

Widely available native development tools, applications, and system software

Available in the following packages:

— 100-pin, thin quad flat pack (TQFP)

— 100-pin, plastic quad flat pack (PQFP)




Similar Part No. - AM186EM-25VC/W

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
AM186EM-25VCW INNOVASIC-AM186EM-25VCW Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
More results


Similar Description - AM186EM-25VC/W

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM186 AMD-AM186 Datasheet
2Mb / 112P
High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
High-Performance, 16-Bit Microcontrollers
2007
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
High-Performance, 16-Bit Microcontrollers
2009
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com