Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74HC4046AF Datasheet (PDF) - ON Semiconductor

MC74HC4046AF Datasheet PDF - ON Semiconductor
Part # MC74HC4046AF
Download  MC74HC4046AF Download
File Size   290.13 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Phase-Locked Loop

MC74HC4046AF Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC4046AF Datasheet PDF - ON Semiconductor

Part # MC74HC4046AF
Download  MC74HC4046AF Click to download

File Size   290.13 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Phase-Locked Loop

MC74HC4046AF Datasheet (HTML) - ON Semiconductor


MC74HC4046AF Product details

Phase−Locked Loop

High−Performance Silicon−Gate CMOS



The MC74HC4046A is similar in function to the MC14046 Metal gate CMOS device. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.



Features

• Output Drive Capability: 10 LSTTL Loads

• Low Power Consumption Characteristic of CMOS Devices

• Operating Speeds Similar to LSTTL

• Wide Operating Voltage Range: 3.0 to 6.0 V

• Low Input Current: 1.0 μA Maximum (except SIGIN and COMPIN)

• In Compliance with the Requirements Defined by JEDEC Standard No. 7A

• Low Quiescent Current: 80 μA Maximum (VCO disabled)

• High Noise Immunity Characteristic of CMOS Devices

• Diode Protection on all Inputs

• Chip Complexity: 279 FETs or 70 Equivalent Gates

• Pb−Free Packages are Available*



 




Similar Part No. - MC74HC4046AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4046AF ONSEMI-MC74HC4046AF Datasheet
166Kb / 18P
Phase?묹ocked Loop
June, 2005 ??Rev. 8
MC74HC4046AFEL ONSEMI-MC74HC4046AFEL Datasheet
166Kb / 18P
Phase?묹ocked Loop
June, 2005 ??Rev. 8
MC74HC4046AFELG ONSEMI-MC74HC4046AFELG Datasheet
166Kb / 18P
Phase?묹ocked Loop
June, 2005 ??Rev. 8
MC74HC4046AFG ONSEMI-MC74HC4046AFG Datasheet
166Kb / 18P
Phase?묹ocked Loop
June, 2005 ??Rev. 8
More results


Similar Description - MC74HC4046AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com