Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9601GC/AC-US Datasheet (PDF) - Microchip Technology

PD-9601GC/AC-US Datasheet PDF - Microchip Technology
Part # PD-9601GC/AC-US
Download  PD-9601GC/AC-US Download
File Size   487.46 Kbytes
Page   2 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single-Port, IEEE짰 802.3bt 90W PoE Midspan

PD-9601GC/AC-US Datasheet (PDF)

Go To PDF Page Download Datasheet
PD-9601GC/AC-US Datasheet PDF - Microchip Technology

Part # PD-9601GC/AC-US
Download  PD-9601GC/AC-US Click to download

File Size   487.46 Kbytes
Page   2 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single-Port, IEEE짰 802.3bt 90W PoE Midspan

PD-9601GC/AC-US Datasheet (HTML) - Microchip Technology




Similar Part No. - PD-9601GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9601GAC MICROSEMI-PD-9601GAC Datasheet
378Kb / 2P
PoH 95 W, Single Port Gigabit Midspan
PD-9601GO MICROSEMI-PD-9601GO Datasheet
173Kb / 2P
Single Port, 90W, Outdoor PoH Midspan
PD-9601GOAC MICROSEMI-PD-9601GOAC Datasheet
173Kb / 2P
Single Port, 90W, Outdoor PoH Midspan
More results


Similar Description - PD-9601GC/AC-US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9601GO MICROSEMI-PD-9601GO Datasheet
173Kb / 2P
Single Port, 90W, Outdoor PoH Midspan
logo
Tripp Lite. All Rights ...
NPOEI-90W-1G TRIPPLITE-NPOEI-90W-1G Datasheet
165Kb / 3P
Industrial Gigabit Ethernet PoE injector, 90W PoE, 802.3bt, Midspan, -40 to 75, IP30 housing, Dual 24~57VDC , DIN rail, 1 Port
logo
Microchip Technology
PD-9001GI MICROCHIP-PD-9001GI Datasheet
447Kb / 2P
Single-Port 30W Industrial PoE Midspan
5/21
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GCI MICROCHIP-PD-9501GCI Datasheet
328Kb / 2P
Single-Port, IEEE 802.3bt Type3 60W, 20??0 VDC, Industrial PoE Midspan
6/20
PD-9501GCO MICROCHIP-PD-9501GCO Datasheet
317Kb / 2P
Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan With Extended Temperature Range
2/20
PD-96XXGC MICROCHIP-PD-96XXGC Datasheet
381Kb / 2P
Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management
7/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com