Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE45677DBFM+H Datasheet (PDF) - ACE Technology Co., LTD.

ACE45677DBFM+H Datasheet PDF - ACE Technology Co., LTD.
Part # ACE45677DBFM+H
Download  ACE45677DBFM+H Download
File Size   455.84 Kbytes
Page   5 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Standalone 1A Linear Lithium Battery Charger With Thermal Regulation

ACE45677DBFM+H Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE45677DBFM+H Datasheet PDF - ACE Technology Co., LTD.

Part # ACE45677DBFM+H
Download  ACE45677DBFM+H Click to download

File Size   455.84 Kbytes
Page   5 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Standalone 1A Linear Lithium Battery Charger With Thermal Regulation

ACE45677DBFM+H Datasheet (HTML) - ACE Technology Co., LTD.


ACE45677DBFM+H Product details

Description
The ACE45677D is a complete constant-current/ constant-voltage linear charger for single cell lithium
rechargeable battery. No external sense resistor is needed, and no blocking diode is required due to the
internal P-MOSFET architecture. Furthermore, the ACE45677D is specifically designed to work within
USB power specifications. Its low external component count makes the ACE45677D ideally suited for
portable applications. Thermal feedback regulates the charge current to limit the die temperature during
high power operation or high ambient temperature. The charge current can be programmed externally
with a single resistor. The ACE45677D automatically terminates the charge cycle when the charge
current drops to 1/10th the programmed value after the final float voltage is reached. When the input
supply (wall adapter or USB supply) is removed, the ACE45677D automatically enters a low power sleep
mode, dropping the battery drain current to less than 2μA. The ACE45677D can be put into shutdown
mode, reducing the supply current to 50μA. Other features include battery pack temperature monitor,
undervoltage lockout, automatic recharge and two status pins to indicate charging and charge termination.
The ACE45677D is available in thermally enhanced 8-pin SOP package.

Features
⚫ Charges Single Cell Lithium Battery Directly from USB Port or AC Adapter
⚫ Input Voltage Range From 4.5V to 6.5V
⚫ No External MOSFET, Sense Resistor or Blocking Diode Required
⚫ Preset 4.20V/4.35V Charge Voltage
⚫ Continuous Programmable Charge Current Up to 1A
⚫ Recharge Conditioning for Reviving Deeply Discharged Cells and Minimizing Heat Dissipation
During Initial Stage of Charge
⚫ Constant-Current/Constant- Voltage/Constant-Temp Operation with Thermal Regulation to Maximize
Charge Rate Without Risk of Overheating
⚫ Automatic Recharge
⚫ Battery Temperature Sensing
⚫ Charge state pairs of output, no battery and fault status display
⚫ Charge Current Monitor Output for Gas Gauging
⚫ Automatic Low Power Sleep Mode When Input Supply Voltage is Removed
⚫ Soft-Start Limits Inrush Current
⚫ Chip Enable Input

Application
⚫ Cellular phones, PDAs
⚫ Portable Media Players
⚫ Digital Still Cameras
⚫ Bluetooth & GPS Applications
⚫ Mobile Internet Device
⚫ Charging Docks and Cradles




Similar Part No. - ACE45677DBFM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4562M ACE-ACE4562M Datasheet
1Mb / 9P
N & P-Channel 60-V (D-S) MOSFET
VER 1.1
More results


Similar Description - ACE45677DBFM+H

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
Standalone Linear Li-lon Battery Charger with Thermal Regulation
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
HM4057 HMSEMI-HM4057 Datasheet
882Kb / 8P
Independent linear lithium battery charger with thermal regulation function
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com