Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE73100NIM+H Datasheet (PDF) - ACE Technology Co., LTD.

ACE73100NIM+H Datasheet PDF - ACE Technology Co., LTD.
Part # ACE73100NIM+H
Download  ACE73100NIM+H Download
File Size   288.79 Kbytes
Page   4 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator

ACE73100NIM+H Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE73100NIM+H Datasheet PDF - ACE Technology Co., LTD.

Part # ACE73100NIM+H
Download  ACE73100NIM+H Click to download

File Size   288.79 Kbytes
Page   4 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator

ACE73100NIM+H Datasheet (HTML) - ACE Technology Co., LTD.


ACE73100NIM+H Product details

Description
The ACE73100N develops a high efficiency, current mode adaptive constant off time controlled,
asynchronous step-down DC/DC converter capable of delivering 3A output current. The ACE73100N
operates over a wide input voltage range from 4.5V to 100V and integrates main switch with very low
RDS(ON) to minimize the conduction loss. The switching frequency is adjustable from 100kHz to 500kHz
using an external resistor. And the device features cycle-by-cycle peak current limitation.

Features
⚫ Low RDS(ON) for Internal N-channel Power FET(TOP):150mΩ
⚫ 4.5-100V Input Voltage Range
⚫ 3A Output Current Capability
⚫ Adjustable Switching Frequency Range: 100kHz to 500kHz
⚫ Internal Soft-start Limits the Inrush Current
⚫ Hic-cup Mode Output Short Circuit Protection
⚫ EN ON/OFF Control with Accurate Threshold
⚫ Cycle-by-cycle Peak Current Limit
⚫ 0.8V± 1 % Reference Voltage Accuracy
⚫ Compact Package: ESOP-8

Application
⚫ Non-isolated Telecommunication Buck Regulator
⚫ Secondary High Voltage Post Regulator
⚫ Automotive Systems
⚫ Electric Bicycle




Similar Part No. - ACE73100NIM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7310M ACE-ACE7310M Datasheet
614Kb / 6P
N-Channel 30-V (D-S) MOSFET
VER 1.1
More results


Similar Description - ACE73100NIM+H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
Feeling Technology Corp...
FP6116 FEELING-FP6116 Datasheet
691Kb / 14P
340KHz, 3A, Asynchronous Step-Down Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE7330N ACE-ACE7330N Datasheet
341Kb / 4P
High Efficiency Fast Response, 3A, 30V Input Synchronous Step-Down Regulator
VER 1.1
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE7356N ACE-ACE7356N Datasheet
190Kb / 3P
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
ACE7358F ACE-ACE7358F Datasheet
190Kb / 3P
High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com