Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-6018+ Datasheet (PDF) - Advantech Co., Ltd.

ADAM-6018+ Datasheet PDF - Advantech Co., Ltd.
Part # ADAM-6018+
Download  ADAM-6018+ Download
File Size   566.9 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 7-ch Isolated RTD Input Modbus TCP Module

ADAM-6018+ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAM-6018+ Datasheet PDF - Advantech Co., Ltd.

Part # ADAM-6018+
Download  ADAM-6018+ Click to download

File Size   566.9 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 7-ch Isolated RTD Input Modbus TCP Module

ADAM-6018+ Datasheet (HTML) - Advantech Co., Ltd.


ADAM-6018+ Product details

Common Specifications
General
Certification CE, FCC, UL
*Class I, Division 2, Groups
A, B, C and D Hazardous
Locations
LAN 10/100Base-T(X)
Power Consumption 2.5 W @ 24 VDC (ADAM-6015)
2.7 W @ 24 VDC (ADAM-6017)
1 W @ 24 VDC (ADMA-6018+)
Connectors 1 x RJ-45 (LAN), Plug-in screw
terminal block (I/O and power)
For ADAM-6015 and ADAM-6017
ƒ Watchdog System (1.6 second)
and Communication
(programmable)
ƒ Power Input 10 ~ 30 VDC
ƒ Supports Peer-to-Peer
ƒ Supports GCL
ƒ Supports Modbus/TCP, TCP/IP, UDP, RESTful ,
ƒ MQTT (D version), SNMP (D version) Protocols
Protection
ƒ Isolation Protection 2,000 VDC
ƒ Built-in TVS/ESD Protection
ƒ Power Reversal Protection
Environment
ƒ Operating -10 ~ 70°C (14 ~ 158°F)
Temperature -40 ~ 70°C (-40~158°F)
(D version)
ƒ Storage Temperature -20 ~ 80°C (-4 ~ 176°F)
-40 ~ 85°C ( -40~185°F)
(D version)
ƒ Operating Humidity 20 ~ 95% RH
(non-condensing)
ƒ Storage Humidity 0 ~ 95% RH
(non-condensing)




Similar Part No. - ADAM-6018+

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6018+ ADVANTECH-ADAM-6018+ Datasheet
577Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
12-Aug-2020
ADAM-6018+ ADVANTECH-ADAM-6018+ Datasheet
515Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
13-Aug-2021
ADAM-6018+ ADVANTECH-ADAM-6018+ Datasheet
4Mb / 13P
7-ch Isolated RTD Input Modbus TCP Module
26-Apr-2024
ADAM-6018+-D ADVANTECH-ADAM-6018+-D Datasheet
515Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
13-Aug-2021
More results


Similar Description - ADAM-6018+

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
705Kb / 1P
7-ch Isolated RTD Input Module
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
ADAM-6050 ADVANTECH-ADAM-6050_14 Datasheet
1Mb / 2P
18-ch Isolated Digital I/O Modbus TCP Module
ADAM-6217 ADVANTECH-ADAM-6217_14 Datasheet
1Mb / 2P
8-ch Isolated Analog Input Modbus TCP Module
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
4-ch Isolated Analog Output Modbus TCP Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6251 ADVANTECH-ADAM-6251_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Input Modbus TCP Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
16-ch Isolated Digital Output Modbus TCP Module
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
ADAM-6050 ADVANTECH-ADAM-6050_V01 Datasheet
514Kb / 1P
18-ch Isolated Digital I/O Modbus TCP Module
13-Aug-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com