Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6210/18C Datasheet (PDF) - Alpha Wire

6210/18C Datasheet PDF - Alpha Wire
Part # 6210/18C
Download  6210/18C Download
File Size   99.51 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

6210/18C Datasheet (PDF)

Go To PDF Page Download Datasheet
6210/18C Datasheet PDF - Alpha Wire

Part # 6210/18C
Download  6210/18C Click to download

File Size   99.51 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specifications

6210/18C Datasheet (HTML) - Alpha Wire


6210/18C Product details

Construction
Diameters (In)
1) Component 1 18 X 1 PAIR
a) Conductor 24 (7/32) AWG Tinned Copper 0.024
b) Insulation
0.016" Wall, Nom. Polyethylene,
Foam
0.056
(1) Color Code Alpha Wire Color Code A
Pair Color Pair Color Pair Color
1 BLACK-RED 7
BLACKORANGE
13 RED-ORANGE
2 BLACK-WHITE 8 RED-GREEN 14 GREEN-BLUE
3 BLACK-GREEN 9 RED-WHITE 15 GREEN-WHITE
4 BLACK-BLUE 10 RED-BLUE 16 GREEN-BROWN
5 BLACK-BROWN 11 RED-YELLOW 17
GREENORANGE
6 BLACK-YELLOW 12 RED-BROWN 18
GREENYELLOW
c) Pair 2/Cond Cabled Together
(1) Twists: 8.0 Twists/foot (min)
2) Component 2 1 X 1 COND
a) Conductor 24 (7/32) AWG Tinned Copper 0.024
b) Insulation
0.016" Wall, Nom. Polyethylene,
Foam
0.056
(1) Color(s)
Cond Color Cond Color Cond Color
1 WHITE
3) Cable Assembly 19 Components Cabled
a) Twists: 1.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
4) Shield: Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction Foil Facing Out
b) Drain Wire 24 (7/32) AWG Tinned Copper
5) Jacket 0.050" Wall, Nom.,PVC 0.554 (0.582 Max.)
a) Color(s) SLATE
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 6210/18C 18PR/1C 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2919 LOW VOLTAGE
COMPUTER CABLE --- LLXXXXXX CSA TYPE CMG 60C FT4
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 6210/18C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6210/12C ALPHAWIRE-6210/12C Datasheet
99Kb / 5P
Customer Specification
12/2/2022
6210/15C ALPHAWIRE-6210/15C Datasheet
411Kb / 4P
24 (7/32) AWG Tinned Copper
More results


Similar Description - 6210/18C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com