Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P30MLAPPD102ML Datasheet (PDF) - Vishay Siliconix

P30MLAPPD102ML Datasheet PDF - Vishay Siliconix
Part # P30MLAPPD102ML
Download  P30MLAPPD102ML Download
File Size   150.63 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed

P30MLAPPD102ML Datasheet (PDF)

Go To PDF Page Download Datasheet
P30MLAPPD102ML Datasheet PDF - Vishay Siliconix

Part # P30MLAPPD102ML
Download  P30MLAPPD102ML Click to download

File Size   150.63 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed

P30MLAPPD102ML Datasheet (HTML) - Vishay Siliconix


P30MLAPPD102ML Product details

FEATURES
• 2 million cycles
• High power rating 3 W at 70 °C
• Cermet element
• Low temperature coefficient (± 150 ppm/°C typical)
• Custom designs on request
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - P30MLAPPD102ML

ManufacturerPart #DatasheetDescription
logo
Semikron International
P30 SEMIKRON-P30 Datasheet
127Kb / 3P
For stud devices
logo
Ferroxcube Internationa...
P30 FERROXCUBE-P30 Datasheet
88Kb / 9P
P cores and accessories
logo
TE Connectivity Ltd
P30 TEC-P30 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P30 MACOM-P30 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P30 AMPHENOL-P30 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
More results


Similar Description - P30MLAPPD102ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
Revision: 04-Sep-08
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
01-Jan-2022
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
01-Jan-2022
P10L VISHAY-P10L Datasheet
122Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
Revision: 10-Dec-07
P10L VISHAY-P10L_V01 Datasheet
86Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
01-Jan-2022
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
Long Life / Heavy Duty Potentiometer
Revision: 16-Mar-2020
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
Long Life / Heavy Duty Potentiometer
01-Jan-2022
logo
Bi technologies
P270 BITECH-P270 Datasheet
290Kb / 3P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P270 BITECH-P270_09 Datasheet
157Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com