Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61NLP12832A Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61NLP12832A Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61NLP12832A
Download  IS61NLP12832A Download
File Size   200.09 Kbytes
Page   29 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM

IS61NLP12832A Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61NLP12832A Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61NLP12832A
Download  IS61NLP12832A Click to download

File Size   200.09 Kbytes
Page   29 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM

IS61NLP12832A Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61NLP12832A Product details

DESCRIPTION
The 4 Meg NLP/NVP product family feature high-speed, low-power synchronous static RAMs designed to provide a burstable, high-performance, no wait state, device for networking and communications applications. They are organized as 128K words by 32 bits, 128K words by 36 bits, and 256K words by 18 bits, fabricated withISSIs advanced CMOS technology.

FEATURES
• 100 percent bus utilization
• No wait cycles between Read and Write
• Internal self-timed write cycle
• Individual Byte Write Control
• Single R/W (Read/Write) control pin
• Clock controlled, registered address, data and control
• Interleaved or linear burst sequence control using MODE input
• Three chip enables for simple depth expansion and address pipelining
• Power Down mode
• Common data inputs and data outputs
• CKE pin to enable clock and suspend operation
• JEDEC 100-pin TQFP, 165-ball PBGA and 119-ball PBGA packages
• Power supply:
    NVP: VDD 2.5V (± 5%), VDDQ 2.5V (± 5%)
    NLP: VDD 3.3V (± 5%), VDDQ 3.3V/2.5V (± 5%)
• Industrial temperature available
• Lead-free available




Similar Part No. - IS61NLP12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832 ISSI-IS61NLP12832 Datasheet
154Kb / 20P
PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133B ISSI-IS61NLP12832-133B Datasheet
154Kb / 20P
PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133TQ ISSI-IS61NLP12832-133TQ Datasheet
154Kb / 20P
PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5B ISSI-IS61NLP12832-5B Datasheet
154Kb / 20P
PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5TQ ISSI-IS61NLP12832-5TQ Datasheet
154Kb / 20P
PIPELINE NO WAIT STATE BUS SRAM
More results


Similar Description - IS61NLP12832A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com