Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61NVVP25672 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61NVVP25672 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61NVVP25672
Download  IS61NVVP25672 Download
File Size   160.93 Kbytes
Page   29 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM

IS61NVVP25672 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61NVVP25672 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61NVVP25672
Download  IS61NVVP25672 Click to download

File Size   160.93 Kbytes
Page   29 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM

IS61NVVP25672 Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61NVVP25672 Product details

DESCRIPTION
The 16 Meg NVVP product family feature high-speed, low-power synchronous static RAMs designed to provide a burstable, high-performance, no wait state, device for network and communications customers. They are organized as 256K words by 72 bits, 512K words by 36 bits and are fabricated with ISSIs advanced CMOS technology.

FEATURES
• 100 percent bus utilization
• No wait cycles between Read and Write
• Internal self-timed write cycle
• Individual Byte Write Control
• Single R/W (Read/Write) control pin
• Clock controlled, registered address, data and control
• Interleaved or linear burst sequence control using MODE input
• Power Down mode
• Common data inputs and data outputs
• CKE pin to enable clock and suspend operation
• JEDEC 119-ball PBGA (x36) and 209-ball (x72) PBGA packages
• Single +1.8V (± 5%) power supply
• JTAG Boundary Scan
• Industrial temperature available




Similar Part No. - IS61NVVP25672

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP204818B-166B2 ISSI-IS61NVVP204818B-166B2 Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
IS61NVVP204818B-166B2I ISSI-IS61NVVP204818B-166B2I Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
IS61NVVP204818B-166B2L ISSI-IS61NVVP204818B-166B2L Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
IS61NVVP204818B-166B2LI ISSI-IS61NVVP204818B-166B2LI Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
IS61NVVP204818B-166B3 ISSI-IS61NVVP204818B-166B3 Datasheet
1Mb / 38P
36Mb, PIPELINE NO WAIT STATE BUS SRAM
B1 07/19/2019
More results


Similar Description - IS61NVVP25672

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NP12836 ISSI-IS61NP12836 Datasheet
154Kb / 20P
PIPELINE NO WAIT STATE BUS SRAM
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com