Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS21/22TF64G Datasheet (PDF) - Integrated Silicon Solution, Inc

IS21/22TF64G Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS21/22TF64G
Download  IS21/22TF64G Download
File Size   834.7 Kbytes
Page   36 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND

IS21/22TF64G Datasheet (PDF)

Go To PDF Page Download Datasheet
IS21/22TF64G Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS21/22TF64G
Download  IS21/22TF64G Click to download

File Size   834.7 Kbytes
Page   36 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND

IS21/22TF64G Datasheet (HTML) - Integrated Silicon Solution, Inc


IS21/22TF64G Product details

GENERAL DESCRIPTION
ISSI eMMC products follow the JEDEC eMMC 5.1 standard. It is ideal for embedded storage solutions for Industrial application and automotive application, which require high performance across a wide range of operating temperatures. eMMC encloses the TLC Mode NAND and eMMC controller inside as one JEDEC standard package, providing a standard interface to the host. The eMMC controller directly manages NAND flash, including ECC, wear-leveling, IOPS optimization and read sensing.

FEATURES
• Packaged NAND flash memory with eMMC 5.1 interface
- IS21/22TF16G: 16Gigabyte
- IS21/22TF32G: 32Gigabyte
- IS21/22TF64G: 64Gigabyte
- IS21/22TF128G: 128Gigabyte
• Compliant with eMMC Specification Ver.4.3, 4.4, 4.41,4.5, 4.51, 5.0, 5.1
• Device can be converted to eMMC 4.3, 4.41, 4.51, 5.0 via initializing
• Bus mode
- High-speed eMMC protocol
- Clock frequency: 0-200MHz.
- Ten-wire bus (clock, 1 bit command, 8 bit data bus) and a hardware reset.
• Supports three different data bus widths : 1 bit(default), 4 bits, 8 bits
- Data transfer rate: up to 52Mbyte/s (using 8 parallel data lines at 52 MHz)
- Single data rate : up to 200Mbyte/s @ 200MHz (HS200)
- Dual data rate : up to 400Mbyte/s @ 200MHz (HS400)
• Operating voltage range :
- VCCQ = 1.8 V/3.3 V (Automotive A2 Grade only supports 1.8V VCCQ)
- VCC = 2.7 – 3.6V
• Error free memory access
- Internal error correction code (ECC) to protect data communication
- Internal enhanced data management algorithm
- Solid protection from sudden power failure, safe-update operations for data content
• Security
- Support secure erase and trim commands
- Enhanced write protection with permanent and partial protection options
• Key Features :
- HS400, Field Firmware Update (FFU), Power Off Notification, Pre EOL information, Enhanced Device Life
time, Optimal Size
• eMMC 5.1 Features:
- Command Queuing, Enhanced Strobe, Cache Flushing Report, BKOPS Control, Cache Barrier, RPMB
Throughput Improve, Secure Write Protection.
• Temperature range
- Industrial Grade (I): -40 ℃ ~ 85 ℃
- Automotive Grade (A1): -40 ℃ ~ 85 ℃
- Automotive Grade (A2): -40 ℃ ~ 105 ℃ (The Surface Temperature of Tc cannot be over 115 ℃)
• Package
- 153 FBGA (11.5mm x 13mm x 1.0mm)
- 100 FBGA (14.0mm x 18.0mm x 1.4mm)




Similar Part No. - IS21/22TF64G

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS210 ISOCOM-IS210 Datasheet
463Kb / 3P
Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities
IS211 ISOCOM-IS211 Datasheet
463Kb / 3P
Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities
IS214 ISOCOM-IS214 Datasheet
454Kb / 3P
Small Outline Photo DMOS-FET Relay
IS215 ISOCOM-IS215 Datasheet
454Kb / 3P
Small Outline Photo DMOS-FET Relay with high load current capabilities
logo
Honeywell Solid State E...
IS215T HONEYWELL-IS215T Datasheet
101Kb / 2P
PIR motion sensor
More results


Similar Description - IS21/22TF64G

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
4GB, 8GB, 16GB, 32GB, 64GB e MMC
logo
Panasonic Semiconductor
RP-SEMC08 PANASONIC-RP-SEMC08 Datasheet
582Kb / 2P
eMMC, Industrial/Au tomotive MLC Model
logo
Prolific Technology Inc...
PL2732 PROLIFIC-PL2732 Datasheet
346Kb / 1P
USB 3.0 eMMC Storage Controller
logo
Greenliant systems
GLS85VM10XXE GREENLIANT-GLS85VM10XXE Datasheet
106Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1016B GREENLIANT-GLS85VM1016B Datasheet
332Kb / 8P
Industrial Temp eMMC NANDrive
logo
Integrated Silicon Solu...
IS21ES08G ISSI-IS21ES08G Datasheet
1Mb / 39P
8GB eMMC with eMMC 5.0 Interface With eMMC 5.0 Interface
JUNE 2018
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Integrated Silicon Solu...
IS21ES04G ISSI-IS21ES04G Datasheet
1Mb / 39P
4GB eMMC with eMMC 5.0 Interface
02/05/2018 Rev. A
logo
Samsung semiconductor
KLM8G1GETF-B041 SAMSUNG-KLM8G1GETF-B041 Datasheet
424Kb / 28P
Samsung eMMC Product family eMMC 5.1 Specification compatibility
Revision 1.21 Jul. 10, 2017
logo
Integrated Silicon Solu...
IS21TF08G ISSI-IS21TF08G Datasheet
802Kb / 36P
8GB eMMC With eMMC 5.1 Interface & pSLC Mode NAND
Rev. A 04/26/2022
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com