Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B35+ Datasheet (PDF) - List of Unclassifed Manufacturers

B35+ Datasheet PDF - List of Unclassifed Manufacturers
Part # B35+
Download  B35+ Download
File Size   215.2 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Bluetooth Digital Multimeter

B35+ Datasheet (PDF)

Go To PDF Page Download Datasheet
B35+ Datasheet PDF - List of Unclassifed Manufacturers

Part # B35+
Download  B35+ Click to download

File Size   215.2 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Bluetooth Digital Multimeter

B35+ Datasheet (HTML) - List of Unclassifed Manufacturers


B35+ Product details

+ function as 3 in 1 : datalogger + multimeter + temperature meter
+ multi-connection (more than one device) supported via mobile app
+ the change trend analysis accessible via special chart mode
+ voice warning supported, which assures measurement safety
+ smart voice-reading accessible
+ 6000 - count full scale reading
+ larger display, easier data-reading; simulated bar chart comes as
an added option
+ offline recording function (only in B35+, and B35T+)
+ true RMS value available (only in B35T, and D35T)
+ Bluetooth 2.0 version - supports mobile device with Android 4.0
or above OS
+ Bluetooth 4.0 version - supports mobile device with Android 4.3
or above / iOS 7.0 or above OS, and equipped with ble 4.0 module




Similar Part No. - B35+

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
B35 POWERDYNAMICS-B35 Datasheet
42Kb / 1P
1 CELL AA (R6) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
logo
Amphenol Corporation
B35 AMPHENOL-B35 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
Liquid Level Switches
B35-PS56-JHF MAGNETROL-B35-PS56-JHF Datasheet
472Kb / 36P
Liquid Level Switches ASME B31.1 Construction
B35-PS56-KOH MAGNETROL-B35-PS56-KOH Datasheet
492Kb / 24P
Liquid Level Switches ASME B31.1, ASME B31.3 and NACE Construction
More results


Similar Description - B35+

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
logo
Agilent(Hewlett-Packard...
U1241A HP-U1241A Datasheet
371Kb / 6P
U1241A/U1242A Handheld Digital Multimeter
U1230 HP-U1230 Datasheet
327Kb / 10P
Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
USB Modular Digital Multimeter
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
34401A Digital Multimeter
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
M9181A PXI Digital Multimeter
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
Digital Multimeter
logo
Good Will Instrument Co...
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
3 1/2 DIGITAL MULTIMETER
logo
List of Unclassifed Man...
MM300 ETC-MM300 Datasheet
62Kb / 1P
Digital Multimeter, Manual-Ranging, 600V
OW18D ETC-OW18D Datasheet
523Kb / 1P
Bluetooth Digital Multimeter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com