Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16491GCS+ Datasheet (PDF) - Analog Devices

MAX16491GCS+ Datasheet PDF - Analog Devices
Part # MAX16491GCS+
Download  MAX16491GCS+ Download
File Size   3517.74 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated, Step-Down Switching Regulator With Selectable Applications Configurations

MAX16491GCS+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16491GCS+ Datasheet PDF - Analog Devices

Part # MAX16491GCS+
Download  MAX16491GCS+ Click to download

File Size   3517.74 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated, Step-Down Switching Regulator With Selectable Applications Configurations

MAX16491GCS+ Datasheet (HTML) - Analog Devices


MAX16491GCS+ Product details

General Description
The MAX16491 is a fully integrated, highly efficient
switching regulator for applications operating from 4.5V to
16V input supplies that require up to 9A maximum load.
This single-chip regulator provides compact high-efficiency
power delivery for precision outputs that demand fast
transient response.
The device has different programmability options to
enable a wide range of configurations. The programmable
features include: internal/external reference voltage,
output voltage set-point, switching frequency, overcurrentprotection
level (OCP), and soft-start timing. Discontinuous
current mode (DCM) operation can be enabled using
pin-strapping to improve light-load efficiency.
The MAX16491 includes multiple protection and measurement
features. Positive and negative cycle-by-cycle OCP,
short-circuit protection and overtemperature protection
(OTP) ensure robust design. Input undervoltage and
overvoltage lockout shut down the regulator to prevent
damages when the input voltage is out of specification.
Regulation is halted in case of an output overvoltage
(OVP) event. A status pin indicates that the output voltage
is within range and the outputvoltage is in regulation. The
device has an analog output that can be configured to
report output current or junction temperature.
The device is available in a 19-bump (2.2mm x 2.8mm)
WLCSP package that provides low thermal resistance
and minimizes the printed circuit board area.

Benefits and Features
● High-Efficiency Solution
• Up to 96% Peak
• Up to 95.5% Full Load
• Up to 94% Light-Load Efficiency at 1A with DCM
Enabled
● Flexible Design Allows Early PCB Definition
• Footprint Compatible with VT2491/VT2491A and
Related Scalable Products
• Programmable Switching Frequency up to 1MHz
• Programmable Soft-Start and STAT Delay Timings
• Programmable Reference Voltage with External
Input Option
• Programmable Positive and Negative OCP Limit
• Supports Current Sourcing and Sinking
● Advanced Architecture, Protection, and Reporting
Guarantees Reliable Designs
• Analog Current or Temperature Reporting
• Differential Remote Sense with Open-Circuit
Detection
• Fast Transient Response with Quick-PWM™
Architecture
• Percentage-Based Output Power Good and OVP
• Open-Drain Status Indicator (STAT) Pin
• Input Undervoltage and Overvoltage Lockout
• Adaptive Dead-Time Control
● Saves Board Space
• Integrated Boost Switch
• 19-Bump WLCSP (2.2mm x 2.8mm) Footprint
• Operation Using Ceramic Input and Output Capacitors

Applications
● Servers/μServers
● I/O and Chipset Supplies
● GPU Core Supply
● DDR Memory: VDDQ, VPP, and VTT
● Point-of-Load (PoL) Applications




Similar Part No. - MAX16491GCS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1649 MAXIM-MAX1649 Datasheet
87Kb / 4P
provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
MAX1649C/D MAXIM-MAX1649C/D Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649C/D MAXIM-MAX1649C/D Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
More results


Similar Description - MAX16491GCS+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38800 MAXIM-MAX38800 Datasheet
1Mb / 28P
Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
MAX38801 MAXIM-MAX38801 Datasheet
2Mb / 28P
Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
logo
Rohm
BD9322EFJ ROHM-BD9322EFJ Datasheet
431Kb / 14P
Simple Step-down Switching Regulator with Integrated Compensation
logo
Maxim Integrated Produc...
MAX20743 MAXIM-MAX20743 Datasheet
1Mb / 31P
Integrated, Step-Down Switching Regulator with PMBus
19-8582; Rev 1; 10/16
MAX38802 MAXIM-MAX38802 Datasheet
2Mb / 32P
Integrated, Step-Down Switching Regulators with Selectable Applications Configurations
2020
MAX20730 MAXIM-MAX20730 Datasheet
1Mb / 31P
Integrated, Step-Down Switching Regulator with PMBus
2020
MAX20733 MAXIM-MAX20733 Datasheet
967Kb / 26P
Integrated, Step-Down Switching Regulator
2016
MAX20735 MAXIM-MAX20735 Datasheet
1Mb / 26P
Integrated, Step-Down Switching Regulator
2017
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
Integrated, Step-Down Switching Regulator
2020
logo
Analog Devices
MAX16425 AD-MAX16425 Datasheet
2Mb / 31P
Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com