Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-EXCST/EF Datasheet (PDF) - STMicroelectronics

M95P16-EXCST/EF Datasheet PDF - STMicroelectronics
Part # M95P16-EXCST/EF
Download  M95P16-EXCST/EF Download
File Size   1393.44 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs

M95P16-EXCST/EF Datasheet (PDF)

Go To PDF Page Download Datasheet
M95P16-EXCST/EF Datasheet PDF - STMicroelectronics

Part # M95P16-EXCST/EF
Download  M95P16-EXCST/EF Click to download

File Size   1393.44 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs

M95P16-EXCST/EF Datasheet (HTML) - STMicroelectronics


M95P16-EXCST/EF Product details

Features
Interface
• Supports serial peripheral interface (SPI) and dual/quad outputs
• Wide voltage range: VCC from 1.6 to 3.6 V
• Temperature range:
– -40 °C to +85 °C (industrial)
– -40 °C to +105 °C (extended)
• Fast read:
– 50 MHz read single output
– 80 MHz fast read single/dual/quad output with one dummy byte
Memory
• 16 Mbit of page EEPROM
– 32-Kbyte blocks, 4-Kbyte sectors
– Page size: 512 bytes
– Two identification pages
• Write endurance:
– 500 kcycles on full temperature range
• Data retention:
– 100 years
– 10 years after 500 kcycles
Ultra low power consumption
• 0.6 μA (typ) in Deep power-down mode
• 16 μA (typ) in Standby mode
• 800 μA (typ) for read single at 10 MHz
• 1.5 mA (typ) for page write
• Current peak control < 3 mA
High write/erase performance
• Fast write/program/erase times:
– 2.0 ms (typ) for byte and page write (includes auto erase and program)
for 512 bytes
– 1.2 ms (typ) for page program (512 bytes)
– 1.1 ms (typ) for page erase
– 1.3 ms (typ) for sector erase
– 4.0 ms (typ) for block erase
– 8 ms (typ) for chip erase
• Page program with buffer load
Advanced features
• ECC for high memory reliability (DEC, TED)
• Schmitt trigger inputs for noise filtering
• Output buffer programmable strength
• Operating status flags for ISO26262
• Software reset
• Write protection by block, with top/bottom option
• Unique ID upon request
• Electronic identification
• Supports SFDP (serial flash discoverable parameters) mode
• JEDEC standard manufacturer identification
Package
• ECOPACK2 (RoHS compliant) and halogen-free packages:
– DFN8 2 x 3 mm
– SO8N
– WLCSP8
ESD protection
• HBM (human body model): 2000 V

Description
The M95P16-I and M95P16-E (hereinafter referred to complessively as M95P16) are manufactured with ST's
advanced proprietary NVM technology. They offer byte flexibility, page alterability, high page cycling performance,
and ultra low power consumption, equivalent to that of EEPROM technology.
These devices are a 16-Mbit SPI page EEPROM, organized as 4096 programmable pages of 512 bytes each,
accessed through an SPI bus, with high-performance dual- and quad-SPI outputs.
The devices offer two additional (identification) 512-byte pages:
• the first contains identification data and, upon request, the UID
• the second can be used to store sensitive application parameters, which can (later) be permanently locked
in read-only mode.
Additional status, configuration and volatile registers set the desired device configuration, while the safety register
provides information on the device status.
The M95P16-I operates with a supply voltage from 1.6 to 3.6 V, over an ambient temperature range of ‑40 °C to
+85 °C. The M95P16-E offers an extended temperature range, from ‑40 °C to +105 °C. Both devices support a
clock frequency of up to 80 MHz.
The M95P16 devices offer byte and page write instructions of up to 512 bytes. Write instructions consist in
self-timed auto erase and program operations, resulting in flexible data byte management.
The devices also accept page/block/sector/chip erase commands, to set the memory to an erased state. The
memory can then be fast-programmed by 512-byte pages, and further optimized using the Page program with
buffer load instruction, to hide the SPI communication latency.




Similar Part No. - M95P16-EXCST/EF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95P32-E STMICROELECTRONICS-M95P32-E Datasheet
2Mb / 70P
Ultra low-power 32-Mbit serial SPI page EEPROM with dual and quad outputs
05-Oct-2022
M95P32-I STMICROELECTRONICS-M95P32-I Datasheet
2Mb / 70P
Ultra low-power 32-Mbit serial SPI page EEPROM with dual and quad outputs
05-Oct-2022
More results


Similar Description - M95P16-EXCST/EF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
logo
Dialog Semiconductor
AT25SF161B DIALOG-AT25SF161B Datasheet
1Mb / 64P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
logo
NXP Semiconductors
NXH5104 NXP-NXH5104 Datasheet
1Mb / 37P
4 Mbit Serial SPI EEPROM
Rev. 6.3 ??3 July 2019
logo
STMicroelectronics
M95P32-I STMICROELECTRONICS-M95P32-I Datasheet
2Mb / 70P
Ultra low-power 32-Mbit serial SPI page EEPROM with dual and quad outputs
05-Oct-2022
logo
Renesas Technology Corp
AT25SF161B RENESAS-AT25SF161B Datasheet
1Mb / 61P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
Jun 3, 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com