Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNCF0805TKY2K00 Datasheet (PDF) - Analog Devices

RNCF0805TKY2K00 Datasheet PDF - Analog Devices
Part # RNCF0805TKY2K00
Download  RNCF0805TKY2K00 Download
File Size   2139.87 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem

RNCF0805TKY2K00 Datasheet (PDF)

Go To PDF Page Download Datasheet
RNCF0805TKY2K00 Datasheet PDF - Analog Devices

Part # RNCF0805TKY2K00
Download  RNCF0805TKY2K00 Click to download

File Size   2139.87 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem

RNCF0805TKY2K00 Datasheet (HTML) - Analog Devices


RNCF0805TKY2K00 Product details

GENERAL DESCRIPTION
The EVAL-AD74115H-ARDZ is a fully featured evaluation board
that can be used to evaluate the features of the AD74115H in a
full system solution where power and isolation are provided by the
ADP1034. The AD74115H is a single-channel, software configurable,
input and output device. The device has functionality for analog
output, analog input, digital input, digital output, and 2-wire, 3-wire,
and 4-wire resistance temperature detector (RTD) measurements
integrated into a single-chip solution with a compatible serial peripheral
interface (SPI).
The EVAL-AD74115H-ARDZ can be controlled via a system demonstration
platform (SDP) board. The EVAL-SDP-CK1Z (SDP-K1)
board allows the EVAL-AD74115H-ARDZ to be controlled via the
USB port of a PC using the AD74115H evaluation software. The
EVAL-AD74115H-ARDZ requires an operating supply of 4.5 V to 60
V. The PC provides power to the SDP-K1 board.
For full details on the AD74115H and ADP1034, see the AD74115H
and ADP1034 data sheets, which must be consulted in conjunction
with this user guide when using the EVAL-AD74115H-ARDZ.

FEATURES
► Fully featured evaluation board for the AD74115H
► System power and isolation provided by the ADP1034
► On-board 2.5 V ADR4525 reference
► SPI compatible
► PC-based software for control
► No-OS MBED drivers providing example code in C
EVALUATION KIT CONTENTS
► EVAL-AD74115H-ARDZ evaluation board
EQUIPMENT NEEDED
► EVAL-SDP-CK1Z (SDP-K1)
► Bench top power supply and connector cables
► PC running Windows® 7 or Windows 10 operating system
DOCUMENTS NEEDED
► AD74115H data sheet
► ADP1034 data sheet
► ADR4525 data sheet
SOFTWARE NEEDED
► AD74115H evaluation software for control
► Mbed Studio for running example code written in C programming language




Similar Part No. - RNCF0805TKY2K00

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCF0805TKY24R9 SEI-RNCF0805TKY24R9 Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
More results


Similar Description - RNCF0805TKY2K00

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
HART Modem
Rev 0; 10/08
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
HART Modem
December, 2011 ??Rev. 5
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
HART Modem
October, 2011 ??Rev. 2
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
HART Modem
March, 2013 ??Rev. 6
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
HART Modem
March, 2016 ??Rev. 1
logo
Analog Devices
AD74413R AD-AD74413R Datasheet
1Mb / 70P
Quad-Channel, Software Configurable Input and Output
Rev. 0
AD74115H AD-AD74115H Datasheet
3Mb / 113P
Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
AD74115 AD-AD74115 Datasheet
3Mb / 103P
Single-Channel, Software Configurable Input and Output
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com