Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVA-183MP-D+ Datasheet (PDF) - Mini-Circuits

AVA-183MP-D+ Datasheet PDF - Mini-Circuits
Part # AVA-183MP-D+
Download  AVA-183MP-D+ Download
File Size   659.01 Kbytes
Page   8 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Wideband Amplifier

AVA-183MP-D+ Datasheet (PDF)

Go To PDF Page Download Datasheet
AVA-183MP-D+ Datasheet PDF - Mini-Circuits

Part # AVA-183MP-D+
Download  AVA-183MP-D+ Click to download

File Size   659.01 Kbytes
Page   8 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Wideband Amplifier

AVA-183MP-D+ Datasheet (HTML) - Mini-Circuits


AVA-183MP-D+ Product details

Wideband, DC to 18 GHz
P1dB, +23.2 dBm Typ. at 10 GHz
OIP3, +29.5 dBm Typ. at 10 GHz
Reverse Isolation, 27 dB Typ.

APPLICATIONS
5G MIMO and Back Haul Radio Systems
Satellite Communications
Test and Measurement Equipment
Radar, EW, and ECM Defense Systems




Similar Part No. - AVA-183MP-D+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AVA-183MP+ MINI-AVA-183MP+ Datasheet
519Kb / 9P
Wideband Amplifier
REV. OR
More results


Similar Description - AVA-183MP-D+

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
Wideband Amplifier
RFC1G18H4-24-S RFHIC-RFC1G18H4-24-S Datasheet
197Kb / 3P
Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
Wideband Amplifier
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
Wideband Amplifier
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
Wideband Amplifier
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
Wideband Amplifier
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
Wideband Amplifier
REV. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com