Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLK-18W-N+ Datasheet (PDF) - Mini-Circuits

BLK-18W-N+ Datasheet PDF - Mini-Circuits
Part # BLK-18W-N+
Download  BLK-18W-N+ Download
File Size   305.41 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Inner DC Block

BLK-18W-N+ Datasheet (PDF)

Go To PDF Page Download Datasheet
BLK-18W-N+ Datasheet PDF - Mini-Circuits

Part # BLK-18W-N+
Download  BLK-18W-N+ Click to download

File Size   305.41 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Inner DC Block

BLK-18W-N+ Datasheet (HTML) - Mini-Circuits


BLK-18W-N+ Product details

Wideband 50 MHz to 18 GHz
Excellent VSWR, 1.2:1 typ up to 18 GHz
Low Insertion Loss, 0.5 dB typ up to 18 GHz
Inner DC block*
N-type connectors

APPLICATIONS
Test Lab Applications - DC Block protection
for RF Test Equipment




Similar Part No. - BLK-18W-N+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BLK-18W-S+ MINI-BLK-18W-S+ Datasheet
170Kb / 1P
DC Block SMA-M to SMA-F
More results


Similar Description - BLK-18W-N+

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50DB-007 JFW-50DB-007 Datasheet
26Kb / 1P
DC BLOCK INNER ONLY
50DB-011 JFW-50DB-011 Datasheet
26Kb / 1P
DC BLOCK INNER ONLY
50DB-076 JFW-50DB-076 Datasheet
29Kb / 1P
DC BLOCK INNER ONLY
50DB-077 JFW-50DB-077 Datasheet
26Kb / 1P
INNER/OUTER DC BLOCK
50DB-007 JFW-50DB-007_16 Datasheet
26Kb / 1P
DC BLOCK INNER ONLY
50DB-010 JFW-50DB-010 Datasheet
26Kb / 1P
INNER/OUTER DC BLOCK
50DB-038 JFW-50DB-038 Datasheet
27Kb / 1P
DC BLOCK INNER ONLY
50DB-074 JFW-50DB-074 Datasheet
31Kb / 1P
DC BLOCK INNER ONLY
50DB-076 JFW-50DB-076_15 Datasheet
29Kb / 1P
DC BLOCK INNER ONLY
50DB-077 JFW-50DB-077_11 Datasheet
26Kb / 1P
INNER/OUTER DC BLOCK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com