Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBP4-1875Q+ Datasheet (PDF) - Mini-Circuits

CBP4-1875Q+ Datasheet PDF - Mini-Circuits
Part # CBP4-1875Q+
Download  CBP4-1875Q+ Download
File Size   841.08 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial-Ceramic Resonator Filters and Multiplexers

CBP4-1875Q+ Datasheet (PDF)

Go To PDF Page Download Datasheet
CBP4-1875Q+ Datasheet PDF - Mini-Circuits

Part # CBP4-1875Q+
Download  CBP4-1875Q+ Click to download

File Size   841.08 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial-Ceramic Resonator Filters and Multiplexers

CBP4-1875Q+ Datasheet (HTML) - Mini-Circuits


CBP4-1875Q+ Product details

Low insertion loss with excellent power handling
Passbands up to 6 GHz
Fractional bandwidth from <1 to 25%
Low profile designs with min. height of 0.120”
Excellent temperature stability
Rugged construction to handle demanding
environmental conditions




Similar Part No. - CBP4-1875Q+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CBP4-942C MINI-CBP4-942C Datasheet
733Kb / 3P
Bandpass Filter
REV.OR
CBP4-942C+ MINI-CBP4-942C+ Datasheet
1Mb / 3P
Bandpass Filter
REV.OR
More results


Similar Description - CBP4-1875Q+

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVCO55CC-1700-1700 CRYSTEKCRYSTAL-CVCO55CC-1700-1700 Datasheet
144Kb / 2P
Coaxial Resonator Oscillator
CVCO55CC-2032-2032 CRYSTEKCRYSTAL-CVCO55CC-2032-2032 Datasheet
104Kb / 2P
Coaxial Resonator Oscillator
logo
BOWEI Integrated Circui...
MCRO BOWEI-MCRO Datasheet
583Kb / 4P
Voltage Controlled Oscillator with ceramic coaxial resonator
logo
Mini-Circuits
CBP-1023A MINI-CBP-1023A Datasheet
912Kb / 3P
Coaxial-Ceramic Resonator Filters and Multiplexers
CBP-1183A MINI-CBP-1183A Datasheet
930Kb / 3P
Coaxial-Ceramic Resonator Filters and Multiplexers
CBP-1413R5A MINI-CBP-1413R5A Datasheet
882Kb / 3P
Coaxial-Ceramic Resonator Filters and Multiplexers
ZHSS-2G-S MINI-ZHSS-2G-S Datasheet
1Mb / 7P
Suspended Substrate Stripline Filters and Multiplexers
ZHSS-11G-S MINI-ZHSS-11G-S Datasheet
1Mb / 7P
Suspended Substrate Stripline Filters and Multiplexers
ZHSS-K11G MINI-ZHSS-K11G Datasheet
2Mb / 8P
Suspended Substrate Stripline Filters and Multiplexers
ZHSS-K18G MINI-ZHSS-K18G Datasheet
1Mb / 8P
Suspended Substrate Stripline Filters and Multiplexers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com