Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3-64-D+ Datasheet (PDF) - Mini-Circuits

CY3-64-D+ Datasheet PDF - Mini-Circuits
Part # CY3-64-D+
Download  CY3-64-D+ Download
File Size   560.78 Kbytes
Page   9 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description X3 Frequency Multiplier

CY3-64-D+ Datasheet (PDF)

Go To PDF Page Download Datasheet
CY3-64-D+ Datasheet PDF - Mini-Circuits

Part # CY3-64-D+
Download  CY3-64-D+ Click to download

File Size   560.78 Kbytes
Page   9 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description X3 Frequency Multiplier

CY3-64-D+ Datasheet (HTML) - Mini-Circuits


CY3-64-D+ Product details

Wideband Output from: 30 to 60 GHz
Outstanding Fundamental and Close-in Harmonic Suppression:
F1: +30 dBc Typ.
F2: +33 dBc Typ.
F4: +42 dBc Typ.
Input Drive Level: +12 to +19 dBm
Conversion Loss: 21 dB Typ.

APPLICATIONS
5G MIMO and Back Haul Radio Systems
Satellite Communications
Test and Measurement Equipment
Radar, EW, and ECM Defense Systems




Similar Part No. - CY3-64-D+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CY3-453-D+ MINI-CY3-453-D+ Datasheet
594Kb / 9P
X3 Frequency Multiplier
REV. OR
More results


Similar Description - CY3-64-D+

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1430G TRIQUINT-TGC1430G Datasheet
334Kb / 3P
20 - 40 GHz X3 Frequency Multiplier
TGC1430G-EPU TRIQUINT-TGC1430G-EPU Datasheet
87Kb / 4P
20 - 40 GHz X3 Frequency Multiplier
logo
Mini-Circuits
RMK-3-662+ MINI-RMK-3-662+ Datasheet
217Kb / 1P
X3 Frequency Multiplier
RMK-3-812+ MINI-RMK-3-812+ Datasheet
221Kb / 1P
X3 Frequency Multiplier
logo
Hittite Microwave Corpo...
HMC-XTB110 HITTITE-HMC-XTB110 Datasheet
151Kb / 4P
GaAs MMIC PASSIVE x3 FREQUENCY MULTIPLIER, 24 - 30 GHz INPUT
HMC-XTB106 HITTITE-HMC-XTB106_07 Datasheet
162Kb / 6P
GaAs MMIC PASSIVE x3 FREQUENCY MULTIPLIER, 24 - 30 GHz INPUT
logo
Mini-Circuits
RMK-3-93 MINI-RMK-3-93 Datasheet
403Kb / 2P
X3 Frequency Multiplier
logo
Hittite Microwave Corpo...
HMC-XTB106 HITTITE-HMC-XTB106_10 Datasheet
113Kb / 6P
GaAs MMIC PASSIVE x3 FREQUENCY MULTIPLIER, 24 - 30 GHz INPUT
HMC916LP3E HITTITE-HMC916LP3E Datasheet
554Kb / 6P
SMT MMIC x3 ACTIVE FREQUENCY MULTIPLIER, 8 - 16 GHz OUTPUT
logo
Mini-Circuits
CY3-453-D+ MINI-CY3-453-D+ Datasheet
594Kb / 9P
X3 Frequency Multiplier
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com