Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFCN-2502+ Datasheet (PDF) - Mini-Circuits

HFCN-2502+ Datasheet PDF - Mini-Circuits
Part # HFCN-2502+
Download  HFCN-2502+ Download
File Size   415.82 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description High Pass Filter

HFCN-2502+ Datasheet (PDF)

Go To PDF Page Download Datasheet
HFCN-2502+ Datasheet PDF - Mini-Circuits

Part # HFCN-2502+
Download  HFCN-2502+ Click to download

File Size   415.82 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description High Pass Filter

HFCN-2502+ Datasheet (HTML) - Mini-Circuits


HFCN-2502+ Product details

Pass Band, 25 to 57 GHz
Low Insertion Loss, Typ. 1.8 dB
Return Loss, Typ. 13 dB
Stop Band Rejection, Typ. 17 dB
Power Handling, 1W

APPLICATIONS
Test & Measurement Equipment
SATCOM
5G mmWave Radio Systems




Similar Part No. - HFCN-2502+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFCN-2000 MINI-HFCN-2000 Datasheet
118Kb / 1P
Ceramic High Pass Filter 2410 to 6250 MHz
HFCN-2000+ MINI-HFCN-2000+ Datasheet
237Kb / 1P
HIGH PASS FILTERS
HFCN-2000D MINI-HFCN-2000D Datasheet
118Kb / 1P
Ceramic High Pass Filter 2410 to 6250 MHz
HFCN-2100 MINI-HFCN-2100 Datasheet
117Kb / 1P
Ceramic High Pass Filter 2500 to 6000 MHz
HFCN-2100+ MINI-HFCN-2100+ Datasheet
266Kb / 1P
HIGH PASS FILTERS
More results


Similar Description - HFCN-2502+

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5023G PCA-EPB5023G Datasheet
22Kb / 1P
High Pass Filter
logo
Mini-Circuits
RHP-122 MINI-RHP-122 Datasheet
452Kb / 1P
High Pass Filter
RHP-225 MINI-RHP-225 Datasheet
450Kb / 1P
High Pass Filter
RHP-250 MINI-RHP-250 Datasheet
452Kb / 1P
High Pass Filter
SCHF-17 MINI-SCHF-17 Datasheet
303Kb / 1P
High Pass Filter
SCHF-25 MINI-SCHF-25 Datasheet
259Kb / 1P
High Pass Filter
ZX75HP-180 MINI-ZX75HP-180 Datasheet
432Kb / 3P
High Pass Filter
THP-1050 MINI-THP-1050 Datasheet
486Kb / 3P
High Pass Filter
VHF-3100 MINI-VHF-3100 Datasheet
238Kb / 1P
High Pass Filter
ZHSS-8G MINI-ZHSS-8G Datasheet
487Kb / 3P
High Pass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com