Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3-VAT-A+ Datasheet (PDF) - Mini-Circuits

K3-VAT-A+ Datasheet PDF - Mini-Circuits
Part # K3-VAT-A+
Download  K3-VAT-A+ Download
File Size   315.54 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Fixed Attenuators

K3-VAT-A+ Datasheet (PDF)

Go To PDF Page Download Datasheet
K3-VAT-A+ Datasheet PDF - Mini-Circuits

Part # K3-VAT-A+
Download  K3-VAT-A+ Click to download

File Size   315.54 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Fixed Attenuators

K3-VAT-A+ Datasheet (HTML) - Mini-Circuits


K3-VAT-A+ Product details

FEATURES
• Wideband, 50Ω
• Input power up to 2W Max.
• 3, 6 and 10dB attenuation
• SMA Male and Female connectors
• Excellent VSWR, 1.20:1 to 1.40:1 typ.
• Excellent flatness, 0.30 to 0.45 typ.
• Length less than 1.5”




Similar Part No. - K3-VAT-A+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K3-VAT MINI-K3-VAT Datasheet
261Kb / 1P
FIXED ATTENUATORS
K3-VAT2 MINI-K3-VAT2 Datasheet
275Kb / 1P
FIXED ATTENUATORS
More results


Similar Description - K3-VAT-A+

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ATN3590 SKYWORKS-ATN3590 Datasheet
320Kb / 6P
Fixed Attenuators
logo
Mini-Circuits
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
FIXED ATTENUATORS
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
FIXED ATTENUATORS
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
FIXED ATTENUATORS
K1-HAT-A+ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
Fixed Attenuators
REV. OR
K1-UNAT-A+ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
Fixed Attenuators
REV. OR
K2-VAT-A+ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
Fixed Attenuators
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com