Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMA3-24323LN+ Datasheet (PDF) - Mini-Circuits

PMA3-24323LN+ Datasheet PDF - Mini-Circuits
Part # PMA3-24323LN+
Download  PMA3-24323LN+ Download
File Size   519.34 Kbytes
Page   9 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Noise Amplifier

PMA3-24323LN+ Datasheet (PDF)

Go To PDF Page Download Datasheet
PMA3-24323LN+ Datasheet PDF - Mini-Circuits

Part # PMA3-24323LN+
Download  PMA3-24323LN+ Click to download

File Size   519.34 Kbytes
Page   9 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Noise Amplifier

PMA3-24323LN+ Datasheet (HTML) - Mini-Circuits


PMA3-24323LN+ Product details

Wideband, 24 to 32 GHz
Low Noise Figure, Typ. 3.1 dB
High OIP3, Typ. +25 dBm
High P1dB, Typ. +17 dBm
Single +5 V positive supply voltage
3x3mm, 12-Lead QFN Style Package

APPLICATIONS
Satellite Communications
Test & Measurement Equipment
5G mmWave and Back Haul Radio Systems
Radar, EW, and ECM Defense Systems




Similar Part No. - PMA3-24323LN+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PMA3-15453+ MINI-PMA3-15453+ Datasheet
532Kb / 9P
Wideband Amplifier
REV. A
PMA3-352GLN MINI-PMA3-352GLN Datasheet
223Kb / 5P
Monolithic Amplifier
REV. OR
PMA3-352GLN+ MINI-PMA3-352GLN+ Datasheet
223Kb / 5P
Monolithic Amplifier
REV. OR
PMA3-63GLN-D MINI-PMA3-63GLN-D Datasheet
251Kb / 6P
Monolithic Amplifier Die
PMA3-63GLN-D+ MINI-PMA3-63GLN-D+ Datasheet
251Kb / 6P
Monolithic Amplifier Die
More results


Similar Description - PMA3-24323LN+

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8310 TRIQUINT-TGA8310 Datasheet
262Kb / 11P
Low-Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
logo
ams AG
SIGE AMSCO-SIGE Datasheet
91Kb / 1P
Low-Noise-Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
Low Noise Amplifier
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier
XL1002-BD MA-COM-XL1002-BD Datasheet
936Kb / 10P
Low Noise Amplifier
logo
RFHIC
CL3501_L RFHIC-CL3501_L_14 Datasheet
714Kb / 6P
Low Noise Amplifier
CL2701-L RFHIC-CL2701-L_14 Datasheet
676Kb / 6P
Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com