Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17570AATA+ Datasheet (PDF) - Analog Devices

MAX17570AATA+ Datasheet PDF - Analog Devices
Part # MAX17570AATA+
Download  MAX17570AATA+ Download
File Size   3073.53 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5V to 60V, 300mA, Ultra Small, High- Efficiency Synchronous Step-Down DC-DC Converters

MAX17570AATA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17570AATA+ Datasheet PDF - Analog Devices

Part # MAX17570AATA+
Download  MAX17570AATA+ Click to download

File Size   3073.53 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5V to 60V, 300mA, Ultra Small, High- Efficiency Synchronous Step-Down DC-DC Converters

MAX17570AATA+ Datasheet (HTML) - Analog Devices


MAX17570AATA+ Product details

Product Highlights
• Reduces External Components and Total Cost
• No Schottky—Synchronous Operation
• Internal Compensation
• Internal Soft-Start
• All-Ceramic Capacitors, Ultra-Compact Layout
• Flexibility to Support Multiple Rails in a System
• Wide 4.5V to 60V Input Voltage Range
• Fixed 3.3V and 5V Output Options
• Adjustable Output from 0.9V to 97% of VIN
• Delivers Up to 300mA Load Current
• 200kHz to 1MHz Adjustable Switching Frequency
with External Clock Synchronization
• Reduces Power Dissipation
• 95.8% Peak Efficiency for VIN = 15V,
VOUT = 12V, IOUT = 150mA
• Shutdown Current = 2.2μA (typ)
• PFM Options for Superior Light Load Efficiency
• Operates Reliably in Adverse Industrial Environments
• Hiccup-Mode Current Limit and Autoretry Startup
• Open-Drain Power Good Output (RESET Pin)
• Programmable EN/UVLO Threshold
• Monotonic Startup into Prebiased Output
• Overtemperature Protection
• High Industrial -40°C to +125°C Ambient Operating
Temperature Range/-40°C to +150°C Junction
Temperature Range
• Complies with CISPR32 (EN55032) Class B
Conducted and Radiated Emissions

Key Applications
• Factory Automation
Within the factory automation space, which includes
many different applications, one key need is the ability
to generate less heat. Heat within the system must be
managed, prevent overheating and shutdown. The
MAX17570 produces less heat as it is a fully synchronous
DC-DC with integrated FETs with high efficiency. The
more efficient a switching regulator is, the less it loses
the power and therefore create less heat in the system.
• Aftermarket Automotive
An example of within the aftermarket automotive space
where the MAX17570 provides a benefit is asset
tracking application. Asset tracking has increased in
popularity as the ability to wireless connect to these
monitors has become easier. Typically, these units are
designed to be as small as possible. The MAX17570 has
integrated FETs, integrated compensation, and can
even have pre-programmed output voltages, all
delivering a small solution size. Small size and fewer
components help drive overall design cost down for the
system.
• General Point of Load
General point of load is just that, a generic term. It
applies to a switching regulator that serves many
applications and design environments. Critical to any
environment is the robustness of the power conversion.
With an operating range of -40°C to +125°C, current limit
protection, overtemperature protection, and the ability to
adhere to the CISPR-32 class B emission standards, the
MAX17570 delivers a small, highly efficient power
conversion in the most adverse environments and
provides the designer the peace of mind that it is robust
and reliable.




Similar Part No. - MAX17570AATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1757 MAXIM-MAX1757 Datasheet
218Kb / 17P
Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
19-1754; Rev 0; 6/00
MAX1757 MAXIM-MAX1757 Datasheet
153Kb / 5P
Fully Assembled and Tested
Rev 0; 10/00
MAX1757 MAXIM-MAX1757 Datasheet
828Kb / 17P
Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
2015
logo
Analog Devices
MAX17571 AD-MAX17571 Datasheet
1Mb / 19P
4V to 60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
19-101589; Rev 0; 7/22
MAX17571ATC+ AD-MAX17571ATC+ Datasheet
1Mb / 19P
4V to 60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
19-101589; Rev 0; 7/22
More results


Similar Description - MAX17570AATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17501 MAXIM-MAX17501 Datasheet
3Mb / 16P
60V, 500mA, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 5/12
MAX17502 MAXIM-MAX17502 Datasheet
3Mb / 17P
60V, 1A, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 5/12
MAX17502 MAXIM-MAX17502_13 Datasheet
3Mb / 21P
60V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 11/12
MAX17501 MAXIM-MAX17501_13 Datasheet
5Mb / 22P
60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 1/13
MAX15462 MAXIM-MAX15462 Datasheet
2Mb / 23P
42V, 300mA, Ultra-Small, High-Efficiency Synchronous Step-Down DC-DC Converters
Rev 1; 2/17
MAX17501 MAXIM-MAX17501_V01 Datasheet
1Mb / 22P
60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17505 MAXIM-MAX17505_V01 Datasheet
1Mb / 26P
4.5V-60V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2017
MAX17551 MAXIM-MAX17551_V01 Datasheet
1Mb / 25P
60V, 50mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2021
MAX17579 MAXIM-MAX17579 Datasheet
1Mb / 24P
4.5V to 60V, 300mA High-Efficiency, Synchronous, Inverting Output DC-DC Converters
2021
MAX15062 MAXIM-MAX15062_V01 Datasheet
3Mb / 23P
60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com