Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8178TB-E3 Datasheet (PDF) - Renesas Technology Corp

UPC8178TB-E3 Datasheet PDF - Renesas Technology Corp
Part # UPC8178TB-E3
Download  UPC8178TB-E3 Download
File Size   418.8 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC8178TB-E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8178TB-E3 Datasheet PDF - Renesas Technology Corp

Part # UPC8178TB-E3
Download  UPC8178TB-E3 Click to download

File Size   418.8 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC8178TB-E3 Datasheet (HTML) - Renesas Technology Corp


UPC8178TB-E3 Product details

FEATURES
• Low current consumption : ICC = 1.9 mA TYP. @ VCC = 3.0 V
• Supply voltage : VCC = 2.4 to 3.3 V
• Excellent isolation : ISL = 39 dB TYP. @ f = 1.0 GHz
ISL = 40 dB TYP. @ f = 1.9 GHz
ISL = 38 dB TYP. @ f = 2.4 GHz
• Power gain : GP = 11.0 dB TYP. @ f = 1.0 GHz
GP = 11.5 dB TYP. @ f = 1.9 GHz
GP = 11.5 dB TYP. @ f = 2.4 GHz
• Gain 1 dB compression output power : PO (1 dB) = -4.0 dBm TYP. @ f = 1.0 GHz
PO (1 dB) = -7.0 dBm TYP. @ f = 1.9 GHz
PO (1 dB) = -7.5 dBm TYP. @ f = 2.4 GHz
• Operating frequency : 0.1 to 2.4 GHz (Output port LC matching)
• High-density surface mounting : 6-pin super minimold package (2.0 ´ 1.25 ´ 0.9 mm)
• Low weight : 7 mg (Standard value)




Similar Part No. - UPC8178TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TB-E3 NEC-UPC8178TB-E3 Datasheet
165Kb / 28P
SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB-E3-A CEL-UPC8178TB-E3-A Datasheet
206Kb / 7P
SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Similar Description - UPC8178TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com