Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HX4004A Datasheet (PDF) - HEXIN SEMICONDUCTOR.

HX4004A Datasheet PDF - HEXIN SEMICONDUCTOR.
Part # HX4004A
Download  HX4004A Download
File Size   225.7 Kbytes
Page   9 Pages
Manufacturer  HEXIN [HEXIN SEMICONDUCTOR.]
Direct Link  http://www.hxsemi.com/en_index.asp
Logo HEXIN - HEXIN SEMICONDUCTOR.
Description Low Noise, Regulated Charge Pump DC/DC Converter

HX4004A Datasheet (PDF)

Go To PDF Page Download Datasheet
HX4004A Datasheet PDF - HEXIN SEMICONDUCTOR.

Part # HX4004A
Download  HX4004A Click to download

File Size   225.7 Kbytes
Page   9 Pages
Manufacturer  HEXIN [HEXIN SEMICONDUCTOR.]
Direct Link  http://www.hxsemi.com/en_index.asp
Logo HEXIN - HEXIN SEMICONDUCTOR.
Description Low Noise, Regulated Charge Pump DC/DC Converter

HX4004A Datasheet (HTML) - HEXIN SEMICONDUCTOR.


HX4004A Product details

Features
Fixed 4.94V±3% Output
VIN Range: 2.7V to 4.5V
Output Current: Up to 110mA (VIN≥3V)
Up to 230mA (VIN≥3.6V)
Low Noise Constant Frequency (360kHz)
Operation
Shutdown Current <1μA
No Inductors
Available in Low Profile 6-Lead SOT23
Package

Applications
White LED Backlighting
Li-Ion Battery Backup Supplies
Smart Card Readers
PCMCIA Local 5V Supplies

Description
The HX4004A is a low noise switched capacitor
voltage doubler. It produces a regulated output
voltage from a 2.7V to 4.5V input. Low external
parts count (one flying capacitor and two small
bypass capacitors at VIN and VOUT) make the
HX4004A ideally suited for small,
battery-powered applications.
The HX4004A have thermal shutdown
capability and can survive a continuous short
circuit from VOUT to GND. A low current
shutdown feature disconnects the load from VIN
and reduces quiescent current to <1μA.
The HX4004A is available in the industry
standard SOT-23-6L power packages.




Similar Part No. - HX4004A

ManufacturerPart #DatasheetDescription
logo
Yaesu USA.
HX40 STANDARDHORIZON-HX40 Datasheet
5Mb / 52P
VHF FM Marine Transceiver
HX40E STANDARDHORIZON-HX40E Datasheet
5Mb / 52P
VHF FM Marine Transceiver
logo
Electronic devices inc.
HX40M EDI-HX40M Datasheet
85Kb / 2P
HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
HX40P EDI-HX40P Datasheet
85Kb / 2P
HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
logo
SEPA EUROPE GmbH
HX40P SEPA-HX40P Datasheet
330Kb / 2P
Chip Cooler
More results


Similar Description - HX4004A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com