Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX22663BAWE/V+ Datasheet (PDF) - Analog Devices

MAX22663BAWE/V+ Datasheet PDF - Analog Devices
Part # MAX22663BAWE/V+
Download  MAX22663BAWE/V+ Download
File Size   2111.8 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reinforced, Fast, Low-Power, Six-Channel Digital Isolators

MAX22663BAWE/V+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22663BAWE/V+ Datasheet PDF - Analog Devices

Part # MAX22663BAWE/V+
Download  MAX22663BAWE/V+ Click to download

File Size   2111.8 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Reinforced, Fast, Low-Power, Six-Channel Digital Isolators

MAX22663BAWE/V+ Datasheet (HTML) - Analog Devices


MAX22663BAWE/V+ Product details

Product Highlights
• AEC-Q100 Qualification for /V Devices
• Reinforced Galvanic Isolation for Digital Signals
• 16 Wide SOIC with 8mm Creepage and Clearance
• Withstands 5kVRMS for 60s (VISO)
• Continuously Withstands 848VRMS (VIOWM)
• Withstands ±12.8kV Surge between GNDA and
GNDB with 1.2/50μs Waveform
• High CMTI (50kV/μs, typ)
• Low Power Consumption
• 0.71mW per Channel at 1Mbps with VDD = 1.8V
• 1.34mW per Channel at 1Mbps with VDD = 3.3V
• 3.21mW per Channel at 100Mbps with VDD = 1.8V
• Low Propagation Delay and Low Jitter
• Maximum Data Rate Up to 200Mbps
• Low Propagation Delay 7ns (typ) at VDD = 3.3V
• Clock Jitter RMS 11.1ps (typ)
• Safety Regulatory Approvals
• UL According to UL1577
• cUL According to CSA Bulletin 5A
• VDE 0884-11 Reinforced Insulation (Pending)

Key Applications
• Automotive
• Hybrid Electric Vehicle
• Chargers
• Battery Management System (BMS)
• Inverters
The MAX22663−MAX22666 are a family of 6-channel,
reinforced, fast, low-power digital galvanic isolators using
Analog Devices’ proprietary process technology. All
devices feature reinforced isolation with a withstand
voltage rating of 5kVRMS for 60 seconds. Both automotive
and general-purpose devices are rated for operation at
ambient temperatures from -40°C to +125°C.
Devices with /V suffix are AEC-Q100 qualified. See the
Ordering Information for all automotive grade part
numbers.
• Industrial
• Isolated SPI, RS-232/422/485, CAN, Digital I/O
• Fieldbus Communications
• Motor Control
• Medical Systems
These devices transfer digital signals between circuits
with different power domains, using as little as 0.71mW
per channel at 1Mbps (1.8V supply). The low-power
feature reduces system dissipation, increases reliability,
and enables compact designs.
Devices are available with a maximum data rate of either
25Mbps or 200Mbps and with default-high or default-low
outputs. The devices feature low propagation delay and
low clock jitter, reducing system latency.
Independent 1.71V to 5.5V supplies on each side also
make the devices suitable for use as level translators.
Three channels of the MAX22663 transmit digital signals
in one direction, while the remaining three do in the
opposite. The MAX22664 provides four channels for
digital signal transmission, two of which travel in one
direction and the other two in the opposite direction. The
MAX22665 provides five channels for digital signal
transmission in one direction and the other in the opposite
direction. The MAX22666 features all six channels
transmitting digital signals in one direction.




Similar Part No. - MAX22663BAWE/V+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX22663BAWE/V+ AD-MAX22663BAWE/V+ Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
19-101239; Rev 0; 12/22
More results


Similar Description - MAX22663BAWE/V+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX22344 MAXIM-MAX22344 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel 3.75kVRMS Digital Isolators
Rev 2; 2/19
MAX22444 MAXIM-MAX22444 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
Rev 7; 3/20
MAX22245 MAXIM-MAX22245 Datasheet
972Kb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
Rev 1; 9/20
MAX22163 MAXIM-MAX22163 Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22290 MAXIM-MAX22290 Datasheet
1Mb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
2021
MAX22565 MAXIM-MAX22565 Datasheet
2Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
2021
MAX22446E MAXIM-MAX22446E_V01 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
2021
logo
Analog Devices
MAX22663 AD-MAX22663 Datasheet
1Mb / 28P
Reinforced, Fast, Low-Power, Six-Channel Digital Isolators
19-101239; Rev 0; 12/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com