Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ90A-AT Datasheet (PDF) - UN Semiconducctor INC

SMBJ90A-AT Datasheet PDF - UN Semiconducctor INC
Part # SMBJ90A-AT
Download  SMBJ90A-AT Download
File Size   3257.81 Kbytes
Page   7 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 600W Surface Mount Transient Voltage Suppressors

SMBJ90A-AT Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ90A-AT Datasheet PDF - UN Semiconducctor INC

Part # SMBJ90A-AT
Download  SMBJ90A-AT Click to download

File Size   3257.81 Kbytes
Page   7 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 600W Surface Mount Transient Voltage Suppressors

SMBJ90A-AT Datasheet (HTML) - UN Semiconducctor INC


SMBJ90A-AT Product details

Features
Glass passivated or planar junction
Excellent clamping capability
Repetition rate (duty cycle): 0.01%
Low profile package and low inductance
600W Peak Pulse power capability at 10×1000μs waveform
Fast response time: typically less than 1.0ps from 0V to VBR min
High temperature soldering: 260℃/10s at terminals
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant
For surface mounted applications in order to optimize board space
High reliability application and automotive grade AECQ101 qualified




Similar Part No. - SMBJ90A-AT

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SMBJ90A-AT YAGEO-SMBJ90A-AT Datasheet
532Kb / 9P
Transient Voltage Suppressors (TVS)
Jun. 30, 2023 V.4
More results


Similar Description - SMBJ90A-AT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
600W Surface Mount Transient Voltage Suppressors
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
600W Surface Mount Transient Voltage Suppressors
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
600W Surface Mount Transient Voltage Suppressors
logo
Shanghai Semitech Semic...
SMBJ440CA SEMITECH-SMBJ440CA Datasheet
138Kb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ3V3A UNSEMI-SMBJ3V3A Datasheet
2Mb / 4P
600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results



Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com