Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC-16-182-75+ Datasheet (PDF) - Mini-Circuits

RDC-16-182-75+ Datasheet PDF - Mini-Circuits
Part # RDC-16-182-75+
Download  RDC-16-182-75+ Download
File Size   471.36 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler

RDC-16-182-75+ Datasheet (PDF)

Go To PDF Page Download Datasheet
RDC-16-182-75+ Datasheet PDF - Mini-Circuits

Part # RDC-16-182-75+
Download  RDC-16-182-75+ Click to download

File Size   471.36 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler

RDC-16-182-75+ Datasheet (HTML) - Mini-Circuits


RDC-16-182-75+ Product details

THE BIG DEAL
Low mainline loss, 1.10 dB typ. at 1218 MHz
Good return loss, 18 dB typ.
Excellent coupling flatness, ±0.3 dB
Supports DOCSIS® 3.1 and 4.0 Systems
APPLICATIONS
DOCSIS 3.1
Cable TV




Similar Part No. - RDC-16-182-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RDC-10-122-75X MINI-RDC-10-122-75X Datasheet
458Kb / 3P
Directional Coupler
RDC-10-122-75X+ MINI-RDC-10-122-75X+ Datasheet
458Kb / 3P
Directional Coupler
RDC-10-182-75X MINI-RDC-10-182-75X Datasheet
460Kb / 3P
Directional Coupler
RDC-10-182-75X+ MINI-RDC-10-182-75X+ Datasheet
460Kb / 3P
Directional Coupler
RDC-17-122-75X MINI-RDC-17-122-75X Datasheet
460Kb / 3P
Directional Coupler
More results


Similar Description - RDC-16-182-75+

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
Directional Coupler
logo
Merrimac Industries, In...
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
DIRECTIONAL COUPLER
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
DIRECTIONAL COUPLER
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
Directional Coupler
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
Directional Coupler
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
Directional Coupler
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
Directional coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com