Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMIQ-6243H+ Datasheet (PDF) - Mini-Circuits

SMIQ-6243H+ Datasheet PDF - Mini-Circuits
Part # SMIQ-6243H+
Download  SMIQ-6243H+ Download
File Size   688.64 Kbytes
Page   15 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description IQ Mixer

SMIQ-6243H+ Datasheet (PDF)

Go To PDF Page Download Datasheet
SMIQ-6243H+ Datasheet PDF - Mini-Circuits

Part # SMIQ-6243H+
Download  SMIQ-6243H+ Click to download

File Size   688.64 Kbytes
Page   15 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description IQ Mixer

SMIQ-6243H+ Datasheet (HTML) - Mini-Circuits


SMIQ-6243H+ Product details

THE BIG DEAL
Wideband RF & LO, 6 to 24 GHz
Wideband IF, DC to 6 GHz
Excellent Image Rejection, Typ. 32dB
High LO-RF Isolation, Typ. 41 dB
High Input IP3, Typ. +25 dBm
Usable as Image Reject Mixer & SSB Converter
4x4 mm, 24-Lead QFN- Style Package
APPLICATIONS
Test and Measurement Equipment
5G mmWave and Back Haul Radio
Satellite Communications
Radar, EW and ECM Defense Systems




Similar Part No. - SMIQ-6243H+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SMIQ-653H-D+ MINI-SMIQ-653H-D+ Datasheet
1Mb / 17P
IQ Mixer
REV. OR
More results


Similar Description - SMIQ-6243H+

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1430H TRIQUINT-TGC1430H Datasheet
438Kb / 3P
20 - 40 GHz IQ Mixer
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
IQ MIXER MODULATOR/DEMODULATOR
logo
Marki Microwave
MMIQ-0416HSM MARKIMICROWAVE-MMIQ-0416HSM Datasheet
946Kb / 12P
Passive GaAs MMIC IQ Mixer
MMIQ-0520HSM MARKIMICROWAVE-MMIQ-0520HSM Datasheet
932Kb / 13P
Passive GaAs MMIC IQ Mixer
MMIQ-1040S MARKIMICROWAVE-MMIQ-1040S Datasheet
1Mb / 24P
Passive GaAs MMIC IQ Mixer
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
Passive GaAs MMIC IQ Mixer
MMIQ-1865S MARKIMICROWAVE-MMIQ-1865S Datasheet
1Mb / 19P
Passive GaAs MMIC IQ Mixer
MMIQ-0626H MARKIMICROWAVE-MMIQ-0626H Datasheet
1Mb / 24P
Passive GaAs MMIC IQ Mixer
MMIQ-1037H MARKIMICROWAVE-MMIQ-1037H Datasheet
1Mb / 25P
Passive GaAs MMIC IQ Mixer
logo
Mini-Circuits
SMIQ-653H-D+ MINI-SMIQ-653H-D+ Datasheet
1Mb / 17P
IQ Mixer
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com