Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC8100ATG+ Datasheet (PDF) - Analog Devices

TMC8100ATG+ Datasheet PDF - Analog Devices
Part # TMC8100ATG+
Download  TMC8100ATG+ Download
File Size   3065.91 Kbytes
Page   136 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Universal Encoder Bus Controller

TMC8100ATG+ Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC8100ATG+ Datasheet PDF - Analog Devices

Part # TMC8100ATG+
Download  TMC8100ATG+ Click to download

File Size   3065.91 Kbytes
Page   136 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Universal Encoder Bus Controller

TMC8100ATG+ Datasheet (HTML) - Analog Devices


TMC8100ATG+ Product details

General Description
The TMC8100 is a dedicated serial protocol converter
IC, especially for absolute encoder bus protocols. It
operates as a bus controller for these protocols and as
a peripheral with either a serial peripheral interface (SPI)
or universal asynchronous receiver-transmitter (UART)
interface connection to the attached
microcontroller/motion controller delivering the extracted
and adjusted encoder position information.
It integrates a programmable high performance serial
communication engine for synchronous and
asynchronous data up-to 16Mb/s. In addition to a clock
generator, several counter/timer units, a programmable
CRC generator and direct I/Os for connecting bus
transceivers, standard SPI, 2x UART, and I2C interfaces
are available.

Benefits and Features
• Synchronous serial bus protocols supported,
example, SSI, SPI, BiSS C, EnDat 2.x
• Asynchronous serial bus protocols supported,
example, Nikon A-format®
• Support for incremental A/B/Z encoder interface
• High speed 25MHz SPI system interface for
configuration, control, and position
• High speed 2x UART 16Mbit/s system interface for
configuration, control, and position
• Crystal oscillator or external clock with PLL
• Up to 128MHz internal system clock
• 2.5V to 5V single supply
• -40°C to +125°C operating temperature range
• TQFN24, 4mm x 4mm

Applications
• Industrial Manufacturing
• Robots/CoBots
• Automated Guided Vehicle (AGV)




Similar Part No. - TMC8100ATG+

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
More results


Similar Description - TMC8100ATG+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3831 TI-UCC3831 Datasheet
144Kb / 4P
Universal Serial Bus Power Controller
UCC38531 TI-UCC38531 Datasheet
102Kb / 4P
Universal Serial Bus Power Controller
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
NXP Semiconductors
100165 PHILIPS-100165 Datasheet
373Kb / 7P
Universal Priority Encoder
June 14 1990
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
logo
Texas Instruments
UCC3831 TI1-UCC3831_08 Datasheet
171Kb / 5P
Universal Serial Bus Power Controller
UCC38531 TI1-UCC38531_08 Datasheet
128Kb / 5P
Universal Serial Bus Power Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com