Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM73-12-R/24VUC Datasheet (PDF) - Turck, Inc.

IM73-12-R/24VUC Datasheet PDF - Turck, Inc.
Part # IM73-12-R/24VUC
Download  IM73-12-R/24VUC Download
File Size   210.21 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Relay coupler 1-channel

IM73-12-R/24VUC Datasheet (PDF)

Go To PDF Page Download Datasheet
IM73-12-R/24VUC Datasheet PDF - Turck, Inc.

Part # IM73-12-R/24VUC
Download  IM73-12-R/24VUC Click to download

File Size   210.21 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Relay coupler 1-channel

IM73-12-R/24VUC Datasheet (HTML) - Turck, Inc.


IM73-12-R/24VUC Product details

The IM73-12-R/24VUC 1-channel relay coupler is particularly suitable for use as a coupling module for the safe galvanic isolation of
binary signals. 2 synchronous controlled relays, each with 1 changeover contact are provided at the output.
If applied in SIL-3 circuits, the following conditions have to be observed:

■ If the output relay triggers a contactor directly, the contactor must be equipped with
a protective circuitry at the coil connection.
■ Both relays have to be connected in series.
■ The contact circuit is equipped with a fuse
and is activated at 60 % nominal current.
The status of the relay is indicated via LED on
the front.

■ Output circuit: 2 relays each with 1
changeover contact
■ 5 A switching current at 250 VAC
■ Operating voltage 19…29 VDC
■ Removable terminal blocks
■ SIL3
■ Galvanic isolation between input circuits
and output circuits
■ TR CU




Similar Part No. - IM73-12-R/24VUC

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
IM73-22EX-R/24VUC TURCK-IM73-22EX-R/24VUC Datasheet
200Kb / 3P
Relay coupler 2-channel
2023-07-21
More results


Similar Description - IM73-12-R/24VUC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
POWER RELAY 1 POLE - 25A Latching Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
POWER RELAY 1 POLE - 25A - Latching relay
logo
First Silicon Co., Ltd
PC817 FS-PC817 Datasheet
140Kb / 4P
1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
2016. 07. 30 Rev No : 0
logo
SparkFun Electronics
ROB-12211 SPARKFUN-ROB-12211 Datasheet
196Kb / 1P
Shaft Coupler - 1/4 to 6mm
1/15/2016
ROB-12244 SPARKFUN-ROB-12244 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 1/8
1/15/2016
ROB-12251 SPARKFUN-ROB-12251 Datasheet
90Kb / 1P
Shaft Coupler - 1/4 to 1/4
1/15/2016
ROB-12325 SPARKFUN-ROB-12325 Datasheet
88Kb / 1P
Shaft Coupler - 1/4 to 5mm
1/15/2016
ROB-12412 SPARKFUN-ROB-12412 Datasheet
89Kb / 1P
Shaft Coupler - 1/4 to 3mm
1/15/2016
ROB-12493 SPARKFUN-ROB-12493 Datasheet
94Kb / 2P
Shaft Coupler - 1/4 to 4mm
1/15/2016
logo
Pepperl+Fuchs Inc.
KFD2-BR-EX1.3PA.93 PF-KFD2-BR-EX1.3PA.93 Datasheet
1Mb / 7P
Segment Coupler 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com