Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK91-121-R/24VDC Datasheet (PDF) - Turck, Inc.

MK91-121-R/24VDC Datasheet PDF - Turck, Inc.
Part # MK91-121-R/24VDC
Download  MK91-121-R/24VDC Download
File Size   221.47 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Level controller 1-channel

MK91-121-R/24VDC Datasheet (PDF)

Go To PDF Page Download Datasheet
MK91-121-R/24VDC Datasheet PDF - Turck, Inc.

Part # MK91-121-R/24VDC
Download  MK91-121-R/24VDC Click to download

File Size   221.47 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Level controller 1-channel

MK91-121-R/24VDC Datasheet (HTML) - Turck, Inc.


MK91-121-R/24VDC Product details

The 1-channel level controller MK91-121-
R/24VDC monitors and regulates conductive liquid levels. As a dual level regulator, it
can be used to control pumps amd solenoid
valves, as monitoring device it is designed for
run-dry or over flow protection
The level controller not only provides optimum reliability in differentiating liquids, it is also suited for the distinction between foam and
liquid .
The responsivity (liquid resistance) is adjustable between 0.2 … 100 kò. One of the
four sensitivity ranges is selected by bridging
the input terminals. Then you can finetune the
switchpoint via the potentiometer at the front.

The possibility of setting the switch-on and
switch-off delay separately is very important
when dealing with turbulent liquid levels. You
can set a delay time between 0 … 20 s via the
potentiometers at the front.
Two relay outputs each with one changeover
contact are available to output the switching
commands. The output configuration of both
outputs can be changed from NC mode R (no
bridge between terminals 4/8) to NO mode A
(bridge between terminals 4/8).
The switching status of the output is indicated
by a yellow LED and operational readiness by
a green LED.

■ Responsivity: 0.2…100 kò
■ Hysteresis: 10%
■ Output: 2 relays with 1 changeover contact
■ Electronic switching of electrodes
■ Switch-on/off delay 0…20 s, separately adjustable
■ Reliable distinction between foam and liquid
■ Galvanic isolation of input circuits, output
circuits and power supply




Similar Part No. - MK91-121-R/24VDC

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
MK91-12-R/230VAC TURCK-MK91-12-R/230VAC Datasheet
226Kb / 2P
L2vel controller 1-channel
2023-07-21
MK91-12-R/24VDC TURCK-MK91-12-R/24VDC Datasheet
223Kb / 2P
Level controller 1-channel
2023-07-21
More results


Similar Description - MK91-121-R/24VDC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16681 NEC-UPD16681 Datasheet
906Kb / 56P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
STMicroelectronics
MK50H25 STMICROELECTRONICS-MK50H25 Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
logo
Hitachi Semiconductor
HD66732 HITACHI-HD66732 Datasheet
5Mb / 131P
Hraphics Liquid Crystal Display Controller/Driver Supportiong JIS Level-1 and Level-2 Kangi ROM)
logo
Rohm
BD9300 ROHM-BD9300 Datasheet
66Kb / 3P
1-channel DC/DC converter controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
1-Channel Synchronous Buck PWM Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
1- Channel Step-Down PWM Controller
logo
Omron Electronics LLC
61F-GP-N8 OMRON-61F-GP-N8 Datasheet
399Kb / 10P
Conductive Level Controller
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
Entry level LCD TV controller
25-Aug-2008
logo
Renesas Technology Corp
PD16681A RENESAS-PD16681A_15 Datasheet
1Mb / 58P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Feeling Technology Corp...
FP5101 FEELING-FP5101 Datasheet
734Kb / 20P
1 Channel Synchronous PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com