Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX34460AA00+ Datasheet (PDF) - Analog Devices

MAX34460AA00+ Datasheet PDF - Analog Devices
Part # MAX34460AA00+
Download  MAX34460AA00+ Download
File Size   1762.62 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PMBus 12-Channel Voltage Monitor and Sequencer

MAX34460AA00+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX34460AA00+ Datasheet PDF - Analog Devices

Part # MAX34460AA00+
Download  MAX34460AA00+ Click to download

File Size   1762.62 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PMBus 12-Channel Voltage Monitor and Sequencer

MAX34460AA00+ Datasheet (HTML) - Analog Devices


MAX34460AA00+ Product details

General Description
The MAX34460A is a system monitor that is capable of
managing up to 12 power supplies. The power-supply
manager monitors the power-supply output voltages and
constantly checks for user-programmable overvoltage and
undervoltage thresholds. If a fault is detected, the device
automatically shuts down the system in an orderly fashion.
The device can sequence the supplies in any order at both
power-up and power-down. With the addition of external
current DACs, the device has the ability to close-loop
margin the power-supply output voltages up or down to a
user-programmable level. The device contains an internal
temperature sensor and can support up to four external
remote temperature sensors. Once configured, the device
can operate autonomously without any host intervention.

Benefits and Features
● 12 Channels of Power-Supply Management
● On-Board Nonvolatile Black Box Fault Logging and
Default Configuration Setting
● Supports Complex Sequencing Requirements
• Dual Sequencing Groups
• Time- and Event-Based Sequencing
• Parallel/Cascaded Device Operation
• Programmable Up and Down Sequencing
• Watchdog Timer Function
● Easy to Program and Monitor
• PMBus™-Compatible Command Interface
• Easy-to-Use GUI
• Programmable Alarm Outputs
● Flexible Measurement and Monitoring Capability
• Reports Peak and Average Levels
• Four Remote Temperature Sensors
• One Internal Temperature Sensor
● Automatic Closed-Loop Margining Improves Accuracy
● Remote Ground Sensing Improves Measurement
Accuracy
● Simplifies System-Level Design
• Up to 20 GPOs
• No External Clocking Required
• I2C/SMBus-Compatible Serial Bus with Bus
Timeout Function
● Fast Minimum/Maximum Threshold-Excursion
Detection
● 3.0V to 3.6V Supply Voltage

Applications
● Network Switches/Routers
● Base Stations
● Servers
● Smart Grid Network Systems




Similar Part No. - MAX34460AA00+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
2Mb / 23P
Four Power-Supply Channels
Rev 0; 9/12
MAX34460EVKIT MAXIM-MAX34460EVKIT Datasheet
2Mb / 23P
Four Power-Supply Channels
Rev 0; 9/12
More results


Similar Description - MAX34460AA00+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
Super Sequencer??and Monitor
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
Quad Voltage Monitor and Sequencer
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
logo
Texas Instruments
UCD90120 TI-UCD90120 Datasheet
2Mb / 40P
UCD90120 12-Channel Sequencer and System Health Monitor
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
logo
Analog Devices
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
Super Sequencer and Monitor
REV. D
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX34462 MAXIM-MAX34462 Datasheet
2Mb / 78P
PMBus 16-Channel Monitor/Sequencer with Differential Inputs and Margining DACs
19-6785; Rev 0; 9/13
MAX34451 MAXIM-MAX34451 Datasheet
2Mb / 76P
PMBus 16-Channel V/I Monitor and 12-Channel Sequencer/Marginer
19-6642; Rev 9; 10/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com