Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4924ELT+ Datasheet (PDF) - Maxim Integrated Products

MAX4924ELT+ Datasheet PDF - Maxim Integrated Products
Part # MAX4924ELT+
Download  MAX4924ELT+ Download
File Size   202.31 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Overvoltage Protectors with External pFET

MAX4924ELT+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4924ELT+ Datasheet PDF - Maxim Integrated Products

Part # MAX4924ELT+
Download  MAX4924ELT+ Click to download

File Size   202.31 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Overvoltage Protectors with External pFET

MAX4924ELT+ Datasheet (HTML) - Maxim Integrated Products


MAX4924ELT+ Product details

General Description
The MAX4923–MAX4926 overvoltage protection (OVP) controllers protect low-voltage systems against high-voltage faults of up to +28V with an appropriate external pFET. When the input voltage exceeds the overvoltage lockout (OVLO) threshold, or falls below the undervoltage lockout (UVLO) threshold, these devices turn off the pFET to prevent damage to protected components and issue a flag to notify the processor of a fault condition.

Features
♦ Overvoltage Protection Up to +28V
♦ Preset 7.18V, 6.16V, 5.65V, and 4.46V Typical
   Overvoltage Trip Levels
♦ Preset 2.44V Typical Undervoltage Trip Level
♦ ±2.5% Accurate Overvoltage/Undervoltage
   Trip Levels
♦ Low 13µA (typ) Supply Current
♦ Drives External pFET
♦ 20ms Adapter Debounce Time
♦ Fault Flag Indicator
♦ 6-Pin (1.5mm x 1.0mm) µDFN Package

Applications
   Cell Phones
   Digital Still Cameras
   PDAs and Palmtop Devices
   MP3 Players




Similar Part No. - MAX4924ELT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4920B MAXIM-MAX4920B Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4920BETD+T MAXIM-MAX4920BETD+T Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921B MAXIM-MAX4921B Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921BETD+T MAXIM-MAX4921BETD+T Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
More results


Similar Description - MAX4924ELT+

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070H3BJ POINN-TISP4070H3BJ Datasheet
312Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4165H4BJ POINN-TISP4165H4BJ Datasheet
295Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXH3LM BOURNS-TISP4XXXH3LM Datasheet
444Kb / 16P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Maxim Integrated Produc...
MAX14606 MAXIM-MAX14606 Datasheet
1Mb / 11P
Overvoltage Protectors with Reverse Bias Blocking
Rev 0; 12/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com