Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ10ELT22T+ Datasheet (PDF) - Arizona Microtek, Inc

AZ10ELT22T+ Datasheet PDF - Arizona Microtek, Inc
Part # AZ10ELT22T+
Download  AZ10ELT22T+ Download
File Size   73.64 Kbytes
Page   6 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description CMOS/TTL to Differential PECL Translator

AZ10ELT22T+ Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ10ELT22T+ Datasheet PDF - Arizona Microtek, Inc

Part # AZ10ELT22T+
Download  AZ10ELT22T+ Click to download

File Size   73.64 Kbytes
Page   6 Pages
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc
Description CMOS/TTL to Differential PECL Translator

AZ10ELT22T+ Datasheet (HTML) - Arizona Microtek, Inc


AZ10ELT22T+ Product details

DESCRIPTION
The AZ10/100ELT22 is a dual CMOS/TTL to differential PECL translator. Because PECL (Positive ECL) levels are used, only VCC and ground are required. The small outline packaging and the low skew, dual gate design of the ELT22 makes it ideal for applications that require the translation of a clock and a data signal.
The ELT22 is available in both PECL standards: the 10ELT is compatible with PECL 10K logic levels while the 100ELT is compatible with PECL 100K logic levels.
NOTE: Specifications in PECL tables are valid when thermal equilibrium is established.

FEATURES
• Green / RoHS Compliant / Lead (Pb) Free package available
• 0.5ns Typical Propagation Delay
• <100ps Typical Output to Output Skew
• Differential PECL Outputs
• Flow Through Pinouts
• Operating Range of 3.0V to 5.5V
• Direct Replacement for ON Semiconductor MC10ELT22, MC100ELT22, MC100LVELT22 & Micrel SY89322V
• IBIS Model Files Available on Arizona Microtek Website




Similar Part No. - AZ10ELT22T+

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10ELT22D AZM-AZ10ELT22D Datasheet
72Kb / 6P
CMOS/TTL to Differential PECL Translator
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
CMOS/TTL to Differential PECL Translator
More results


Similar Description - AZ10ELT22T+

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
CMOS/TTL to Differential PECL Translator
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
CMOS/TTL to Differential PECL Translator
AZ100ELT21 AZM-AZ100ELT21 Datasheet
67Kb / 5P
Differential PECL to CMOS/TTL Translator
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20_12 Datasheet
469Kb / 8P
CMOS/TTL to Differential PECL Translator
AZ100ELT21 AZM-AZ100ELT21_12 Datasheet
406Kb / 6P
Differential PECL to CMOS/TTL Translator
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
Dual CMOS/TTL to Differential PECL Translator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com