Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28E01-100+ Datasheet (PDF) - Analog Devices

DS28E01-100+ Datasheet PDF - Analog Devices
Part # DS28E01-100+
Download  DS28E01-100+ Download
File Size   363.09 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1Kb Protected 1-Wire EEPROM with SHA-1 Engine

DS28E01-100+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E01-100+ Datasheet PDF - Analog Devices

Part # DS28E01-100+
Download  DS28E01-100+ Click to download

File Size   363.09 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1Kb Protected 1-Wire EEPROM with SHA-1 Engine

DS28E01-100+ Datasheet (HTML) - Analog Devices


DS28E01-100+ Product details

Features
● 1024 Bits of EEPROM Memory Partitioned into Four
Pages of 256 Bits
● On-Chip 512-Bit SHA-1 Engine to Compute 160-
Bit Message Authentication Codes (MACs) and to
Generate Secrets
● Dedicated 64-Bit Write-Only Secret with a Feature to
Extend the Secret Size to 320 Bits by Setting a 256-
Bit Page as Both Read and Write Protected
● 5-Byte Challenge Size for Read Authenticated Page
with Optional “Anonymous” Mode
● Write Access Requires Knowledge of the Secret and
the Capability of Computing and Transmitting a 160-
Bit MAC as Authorization
● User-Programmable Page Write Protection for
Page 0, Page 3, or All Four Pages Together
● User-Programmable OTP EPROM Emulation Mode
for Page 1 (“Write to 0”)
● Communicates to Host with a Single Digital Signal at
15.3kbps or 90.9kbps Using 1-Wire Protocol
● Switchpoint Hysteresis and Filtering to Optimize
Performance in the Presence of Noise
● Reads and Writes over 2.8V to 5.25V Voltage
Range from -40°C to +85°C
● 6-Lead TSOC and TDFN or 2-Lead TO-92 Packages
Applications
● Printer Cartridge Configuration and Monitoring
● Medical Sensor Authentication and Calibration
● System Intellectual Property Protection




Similar Part No. - DS28E01-100+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
More results


Similar Description - DS28E01-100+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
DS28E01-100 DALLAS-DS28E01-100 Datasheet
219Kb / 16P
1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28CN01_0911 MAXIM-DS28CN01_0911 Datasheet
139Kb / 10P
1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 2; 11/09
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
092302
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com