Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8902BATA+ Datasheet (PDF) - Maxim Integrated Products

MAX8902BATA+ Datasheet PDF - Maxim Integrated Products
Part # MAX8902BATA+
Download  MAX8902BATA+ Download
File Size   267.01 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package

MAX8902BATA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8902BATA+ Datasheet PDF - Maxim Integrated Products

Part # MAX8902BATA+
Download  MAX8902BATA+ Click to download

File Size   267.01 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package

MAX8902BATA+ Datasheet (HTML) - Maxim Integrated Products


MAX8902BATA+ Product details

General Description

The MAX8902A/MAX8902B low-noise linear regulators deliver up to 500mA of output current with only 16µVRMS of output noise in a 100kHz bandwidth. These regulators maintain their output voltage over a wide input range, requiring only 100mV of input-to-output headroom at full load.



Features

♦1.7V to 5.5V Input Voltage Range

♦0.6V to 5.3V Output Voltage Range

♦16µVRMSOutput Noise, 10Hz to 100kHz

♦80µA Operating Supply Current

♦92dB PSRR at 5kHz

♦Guaranteed 500mA Output Current

♦±1.5% Output Accuracy Over Load, Line, and Temperature

♦100mV (max) Dropout at 500mA Load

♦< 1µA Shutdown Supply Current

♦700mA Short-Circuit Protection

♦Thermal-Overload Protection

♦Output-to-Input Reverse Current Protection

♦2mm x 2mm x 0.8mm TDFN Package




Similar Part No. - MAX8902BATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8902BATA+ MAXIM-MAX8902BATA+ Datasheet
266Kb / 11P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 2; 2/08
MAX8902BATA+ MAXIM-MAX8902BATA+ Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902BATA+ MAXIM-MAX8902BATA+ Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
More results


Similar Description - MAX8902BATA+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
TPS718XX TI-TPS718XX_07 Datasheet
325Kb / 18P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_08 Datasheet
266Kb / 11P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 2; 2/08
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_11 Datasheet
360Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 4; 4/11
MAX8902A MAXIM-MAX8902A_12 Datasheet
378Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902BATAT MAXIM-MAX8902BATAT Datasheet
360Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com