Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16050ETI+ Datasheet (PDF) - Maxim Integrated Products

MAX16050ETI+ Datasheet PDF - Maxim Integrated Products
Part # MAX16050ETI+
Download  MAX16050ETI+ Download
File Size   308.51 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability

MAX16050ETI+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16050ETI+ Datasheet PDF - Maxim Integrated Products

Part # MAX16050ETI+
Download  MAX16050ETI+ Click to download

File Size   308.51 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability

MAX16050ETI+ Datasheet (HTML) - Maxim Integrated Products


MAX16050ETI+ Product details

General Description
The MAX16050 monitors up to 5 voltages and sequences up to 4 voltages, while the MAX16051 monitors up to 6 voltages and sequences up to 5 voltages. These devices provide an adjustable delay as each supply is turned on and they monitor each power-supply voltage, including the input voltage VCC. When all of the voltages reach their final values and the reset delay timer expires, a power-on-reset (RESET) output deasserts allowing the microcontroller (μC) to operate. If any voltage falls below its threshold, the reset output asserts and all voltage supplies are turned off. The MAX16050/MAX16051 can be daisy-chained to control a higher number of voltages in a system.

Features
● Monitor Up to 6 Voltages/Sequence Up to 5 Voltages (MAX16051)
● Pin-Selectable Sequencing Order (MAX16050 Only)
● Reverse-Sequencing Capability on Shutdown
● Overvoltage Monitoring with Independent Output
● ±1.5% Threshold Accuracy
● 2.7V to 16V Operating Voltage Range
● Charge Pump to Fully Enhance External n-Channel FETs
● Capacitor-Adjustable Sequencing Delay
● Fixed or Capacitor-Adjustable Reset Timeout
● Internal 85mA Pulldowns for Discharging Capacitive Loads Quickly
● Daisy-Chaining Capability to Communicate Across Multiple Devices
● Small 4mm x 4mm, 28-Pin TQFN Package

Applications
● Servers
● Workstations
● Networking Systems
● Telecom Equipment
● Storage Systems




Similar Part No. - MAX16050ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16050ETI+ MAXIM-MAX16050ETI+ Datasheet
238Kb / 21P
Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
19-1013; Rev 1; 7/08
MAX16050ETI+ MAXIM-MAX16050ETI+ Datasheet
1Mb / 24P
Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
2017
More results


Similar Description - MAX16050ETI+

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Maxim Integrated Produc...
MAX16050 MAXIM-MAX16050_08 Datasheet
238Kb / 21P
Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
19-1013; Rev 1; 7/08
logo
STMicroelectronics
STTH1512-Y STMICROELECTRONICS-STTH1512-Y Datasheet
151Kb / 9P
High reverse voltage capability
July 2013 Rev 1
logo
Maxim Integrated Produc...
MAX16050EVKIT MAXIM-MAX16050EVKIT Datasheet
536Kb / 13P
Reverse-Sequencing Operation
Rev 0; 7/08
MAX16050 MAXIM-MAX16050_V01 Datasheet
1Mb / 24P
Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
2017
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com