Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17335X22+ Datasheet (PDF) - Analog Devices

MAX17335X22+ Datasheet PDF - Analog Devices
Part # MAX17335X22+
Download  MAX17335X22+ Download
File Size   4246.86 Kbytes
Page   163 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector

MAX17335X22+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17335X22+ Datasheet PDF - Analog Devices

Part # MAX17335X22+
Download  MAX17335X22+ Click to download

File Size   4246.86 Kbytes
Page   163 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector

MAX17335X22+ Datasheet (HTML) - Analog Devices


MAX17335X22+ Product details

Features
● Non-Volatile Programmable Stand-Alone Charger
• 1% Charge Current, 256 Current Settings
• 0.25% Charge Voltage, 2.42V to 4.8V, Configurable
• Optional Manual Charge Control
• FET Temperature Limit and Heat Regulation
• Prequal, SmartFull, and Step-Charging Options
• JEITA—9 Temperature Regions
● Battery Health + Programmable Safety/Protection
• Overvoltage/Overcharge Current
• Temperature Region Dependent
• Overcharge/Discharge/Short-Circuit Current
• Over/Under Temperature
• Zero-Volt or >1.8V Charging Option
• Undervoltage + SmartEmpty
● Pushbutton Wakeup/Factory Ship Mode (0.5μA)
● ModelGauge m5 EZ Algorithm
• Percent, Capacity,Time-to-Empty/Full, Age
• Cycle+™ Age Forecast + Age-Scheduled Charging
● Dynamic Power—Estimates Power Capability
● SHA-256 Authentication to Prevent Cloning
● Precision Measurement Without Calibration
• Current, Voltage, Power, Time, Cycles
• Die Temperature and two Thermistors
● History Logging, User Data
● Low Quiescent Current
• FETs Enabled: 35μA Active, 21μA Hibernate
• FETs Disabled: 8μA Ship, 0.5μA Shutdown
● 2-Wire (I2C) and 1-Wire®
● 1.9 mm x 2.5 mm 15-Bump 0.5mm Pitch Wafer-Level
Package (WLP)

Applications
• USB PPS and Direct Charging • Smart Batteries and
Hybrid Supercap Batteries • Dual Screen Smartphones,
Tablets • Hearables, Wearables, Smartwatches • Medical
Devices, Health, Fitness Monitors • Handheld Radios,
Computers, Accessories • Home/Building Automation,
Sensors, Cameras • Parallel Battery AR/VR Systems




Similar Part No. - MAX17335X22+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX17335X22+ AD-MAX17335X22+ Datasheet
4Mb / 163P
AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 0; 7/24
MAX17335X22+T AD-MAX17335X22+T Datasheet
4Mb / 163P
AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 0; 7/24
More results


Similar Description - MAX17335X22+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17201 MAXIM-MAX17201 Datasheet
4Mb / 115P
Stand-Alone ModelGauge m5 Fuel Gauge
Rev 2; 8/16
MAX17055 MAXIM-MAX17055 Datasheet
582Kb / 24P
7μA 1-Cell Fuel Gauge with ModelGauge m5 EZ
Rev 0; 1/17
MAX17320 MAXIM-MAX17320 Datasheet
4Mb / 179P
2S-4S ModelGauge m5 EZ Fuel Gauge with Protector, Internal Self-Discharge Detection, and SHA-256 Authentication
Rev 7; 8/20
MAX17260 MAXIM-MAX17260 Datasheet
1Mb / 33P
5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17261 MAXIM-MAX17261 Datasheet
1Mb / 32P
5.1關A Multi-Cell Fuel Gauge with ModelGauge m5 EZ
2018
MAX17262 MAXIM-MAX17262 Datasheet
1Mb / 32P
5.2關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Internal Current Sensing
2018
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
1-Cell Fuel Gauge with ModelGauge m3
2016
logo
Analog Devices
MAX17332 AD-MAX17332 Datasheet
4Mb / 168P
AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com