Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8328TME/NOPB Datasheet (PDF) - Texas Instruments

LM8328TME/NOPB Datasheet PDF - Texas Instruments
Part # LM8328TME/NOPB
Download  LM8328TME/NOPB Download
File Size   854.75 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface

LM8328TME/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8328TME/NOPB Datasheet PDF - Texas Instruments

Part # LM8328TME/NOPB
Download  LM8328TME/NOPB Click to download

File Size   854.75 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface

LM8328TME/NOPB Datasheet (HTML) - Texas Instruments


LM8328TME/NOPB Product details

1FEATURES
2• KEY FEATURES
– Internal RC Oscillator, No External Clock
Required
– Internal PWM Clock Generation, No
External Clock Required
– External Reset for System Control
– Programmable I2C-compatible ACCESS.bus
Address (Default 0x88)
– Support for Keypad Matrices of up to of 8 x
12 Keys, Plus 8 Special Function (SF) Keys,
for a Full 104 Key Support
– I2C-compatible ACCESS.bus Slave Interface
at 100 kHz (Standard-Mode) and 400 kHz
(Fast-Mode)
– Three Host-programmable PWM Outputs
for Smooth LED Brightness Modulation
– Supports General-purpose I/O Expansion
on Pins Not Otherwise Used for Keypad or
PWM Output
– 15 byte Key Event Buffer
– Multiple Key Event Storage
– Key Events, Errors, and Dedicated
Hardware Interrupts Request Host Service
by Asserting an IRQ Output
– Automatic HALT Mode for Low Power
Operation
– Wake-up from HALT Mode on Any Interface
(Rising Edge, Falling Edge or Pulse)
– Three PWM Outputs with Dedicated Script
Buffer for up to 32 Commands
– Register-based Command Interpreter with
Auto Increment Address
• HOST-CONTROLLED FEATURES
– Reset Input for System Control
– PWM Scripting for Three PWM Outputs
– Period of Inactivity that Triggers Entry into
HALT Mode
– Debounce Time for Reliable Key Event
Polling
– Configuration of General Purpose I/O Ports
– Various Initialization Options (Keypad Size,
etc.)
• KEY DEVICE FEATURES
– 1.8V ± 10% Single-supply Operation
– On-chip Power-on Reset (POR)
– Watchdog Timer
– −40°C to +85°C Temperature Range
– 25-pin DSBGA Package

APPLICATIONS:
• Cordless Phones
• Smart Handheld Devices
• Keyboard Applications

DESCRIPTION
The LM8328 GenI/O - Expander and Keypad
Controller is a dedicated device to unburden a host
processor from scanning a matrix-addressed keypad
and to provide flexible and general purpose, host
programmable input/output functions. Three
independent PWM timer outputs are provided for
dynamic LED brightness modulation.
It communicates with a host processor through an
I2C-compatible ACCESS.bus serial interface. It can communicate in Standard (100 kHz) - and Fast-Mode
400 kHz) in slave Mode only.
All available input/output pins can alternately be used
as an input or an output in a keypad matrix or as a
host programmable general purpose input or output.
Any pin programmed as an input can also sense
hardware interrupts. The interrupt polarity (“high to
low” or “low to high” transition) is thereby
programmable.
The LM8328 follows a predefined register based set
of commands. Upon start-up (power - on) a
configuration file must be sent from the host to setup
the hardware of the device.




Similar Part No. - LM8328TME/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8328TME/NOPB TI1-LM8328TME/NOPB Datasheet
1Mb / 56P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results


Similar Description - LM8328TME/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8322 NSC-LM8322 Datasheet
897Kb / 42P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1 Datasheet
674Kb / 60P
LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1_13 Datasheet
1Mb / 57P
LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327_14 Datasheet
1Mb / 65P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com