Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3231M+ Datasheet (PDF) - Maxim Integrated Products

DS3231M+ Datasheet PDF - Maxim Integrated Products
Part # DS3231M+
Download  DS3231M+ Download
File Size   897.38 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±5ppm, I2C Real-Time Clock

DS3231M+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3231M+ Datasheet PDF - Maxim Integrated Products

Part # DS3231M+
Download  DS3231M+ Click to download

File Size   897.38 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±5ppm, I2C Real-Time Clock

DS3231M+ Datasheet (HTML) - Maxim Integrated Products


DS3231M+ Product details

General Description
The DS3231M is a low-cost, extremely accurate, I2C realtime clock (RTC). The device incorporates a battery input
and maintains accurate timekeeping when main power to
the device is interrupted. The integration of the microelectromechanical systems (MEMS) resonator enhances the
long-term accuracy of the device and reduces the piecepart count in a manufacturing line. The DS3231M is available in the same footprint as the popular DS3231 RTC.
The RTC maintains seconds, minutes, hours, day, date,
month, and year information. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format
with an AM/PM indicator. Two programmable time-ofday alarms and a 1Hz output are provided. Address and
data are transferred serially through an I2C bidirectional
bus. A precision temperature-compensated voltage reference and comparator circuit monitors the status of VCC
to detect power failures, to provide a reset output, and to
automatically switch to the backup supply when necessary. Additionally, the RST pin is monitored as a pushbutton
input for generating a microprocessor reset. See the
Block Diagram for more details.

Applications
Power Meters
Industrial Applications

Benefits and Features
● Highly Accurate RTC With Integrated MEMS
Resonator Completely Manages All Timekeeping
Functions
• Complete Clock Calendar Functionality Including
Seconds, Minutes, Hours, Day, Date, Month, and
Year, with Leap-Year Compensation Up to Year
2100
• Timekeeping Accuracy ±5ppm (±0.432 Second/Day)
from -45°C to +85°C
• Footprint and Functionally Compatible to DS3231
• Two Time-of-Day Alarms
• 1Hz and 32.768kHz Outputs
• Reset Output and Pushbutton Input with Debounce
• Digital Temp Sensor with ±3°C Accuracy
• +2.3V to +5.5V Supply Voltage
● Simple Serial Interface Connects to Most
Microcontrollers
• Fast (400kHz) I2C Interface
● Battery-Backup Input for Continuous Timekeeping
• Low Power Operation Extends Battery-Backup
Run Time
● Operating Temperature Range: -40°C to +85°C
● 8-Pin or 16-Pin SO Packages
● Underwriters Laboratories® (UL) Recognized




Similar Part No. - DS3231M+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M+ MAXIM-DS3231M+ Datasheet
1Mb / 20P
짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M+ MAXIM-DS3231M+ Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
More results


Similar Description - DS3231M+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
I2C Serial Real-Time Clock
REV: 092006
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
DS3231M_1112 MAXIM-DS3231M_1112 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 3; 12/11
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
DS3232M_V1 MAXIM-DS3232M_V1 Datasheet
2Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
I2C Serial Real-Time Clock
Rev 4/11
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
I2C Real-Time Clock
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com