Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4378HAUD+ Datasheet (PDF) - Analog Devices

MAX4378HAUD+ Datasheet PDF - Analog Devices
Part # MAX4378HAUD+
Download  MAX4378HAUD+ Download
File Size   1771.17 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain

MAX4378HAUD+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4378HAUD+ Datasheet PDF - Analog Devices

Part # MAX4378HAUD+
Download  MAX4378HAUD+ Click to download

File Size   1771.17 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain

MAX4378HAUD+ Datasheet (HTML) - Analog Devices


MAX4378HAUD+ Product details

Features
●● Low-Cost, Single/Dual/Quad, High-Side Current-
Sense Amplifiers
●● ±0.5% Typical Full-Scale Accuracy
●● +3V to +28V Supply Operation
●● Adjustable Current-Sense Capability with External
Sense Resistor
●● Buffered Output Voltage with 2mA Drive
●● 1mA (typ) Supply Current
●● 2.0MHz Bandwidth (Gain = +20V/V)
●● Automotive Temperature Range (-40°C to +125°C)
●● High Accuracy +2V to +28V Common-Mode Range,
Functional Down to 0V, Independent of Supply Voltage
●● Three Gain Versions Available
+20V/V (MAX437_T)
+50V/V (MAX437_F)
+100V/V (MAX437_H)
●● Available in Space-Saving 5-Pin SOT23 (Single),
8-Pin μMAX (Dual), and 14-Pin TSSOP (Quad)
●● AEC-Q100 Qualified, Refer to Ordering Information
for the List of /V Parts




Similar Part No. - MAX4378HAUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4378HAUD+ MAXIM-MAX4378HAUD+ Datasheet
1Mb / 13P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
More results


Similar Description - MAX4378HAUD+

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4376 MAXIM-MAX4376 Datasheet
192Kb / 9P
Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Rev 3; 5/04
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4376 MAXIM-MAX4376_09 Datasheet
384Kb / 10P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 4; 4/09
MAX4376 MAXIM-MAX4376_12 Datasheet
1Mb / 11P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376HAUKVT MAXIM-MAX4376HAUKVT Datasheet
405Kb / 11P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com