Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9626ATC+ Datasheet (PDF) - Analog Devices

MAX9626ATC+ Datasheet PDF - Analog Devices
Part # MAX9626ATC+
Download  MAX9626ATC+ Download
File Size   5121.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Noise, Low-Distortion, 1.35GHz Fully Differential Amplifiers

MAX9626ATC+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9626ATC+ Datasheet PDF - Analog Devices

Part # MAX9626ATC+
Download  MAX9626ATC+ Click to download

File Size   5121.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Noise, Low-Distortion, 1.35GHz Fully Differential Amplifiers

MAX9626ATC+ Datasheet (HTML) - Analog Devices


MAX9626ATC+ Product details

Features
S Low-Voltage Noise Density 3.6nV/√Hz
S Low Harmonic Distortion
HD2/HD3 of -102/-105dB at 10MHz
HD2/HD3 of -86/-80dB at 125MHz
S Factory Set Gain Options: 1V/V, 2V/V, 4V/V
S 1.35GHz Small-Signal Bandwidth
S Adjustable Output Common-Mode Voltage
S Differential-to-Differential or Single-Ended-to-
Differential Operation
S 25μA Shutdown Current
S +2.85V to +5.25V Single-Supply Voltage
S Small, 3mm x 3mm 12-Pin TQFN Package




Similar Part No. - MAX9626ATC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9626ATC MAXIM-MAX9626ATC Datasheet
5Mb / 20P
Low-Noise, Low-Distortion, 1.35GHz Fully Differential Amplifiers
Rev 1; 2/11
More results


Similar Description - MAX9626ATC+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502 TI-THS4502 Datasheet
609Kb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX9626 MAXIM-MAX9626 Datasheet
5Mb / 20P
Low-Noise, Low-Distortion, 1.35GHz Fully Differential Amplifiers
Rev 1; 2/11
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com