Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14937AWE+ Datasheet (PDF) - Analog Devices

MAX14937AWE+ Datasheet PDF - Analog Devices
Part # MAX14937AWE+
Download  MAX14937AWE+ Download
File Size   1031.69 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Two Channel, 5kVRMS I2C Isolator

MAX14937AWE+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14937AWE+ Datasheet PDF - Analog Devices

Part # MAX14937AWE+
Download  MAX14937AWE+ Click to download

File Size   1031.69 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Two Channel, 5kVRMS I2C Isolator

MAX14937AWE+ Datasheet (HTML) - Analog Devices


MAX14937AWE+ Product details

Benefits and Features
●● Robust Galvanic Isolation of Digital Signals
• Withstands 5kVRMS for 60s (VISO)
• Continuously Withstands 848VRMS (VIOWM)
• 1200VPEAK Repetitive Peak Voltage (VIORM)
• Withstands ±10kV Surge per IEC 61000-4-5
●● Interfaces Directly with Most Micros and FPGAs
• Accepts 2.25V to 5.5V Supplies
• Bidirectional Data Transfer from DC to 1.7MHz
●● Low Power Consumption
• 5.3mA per Channel Typical at 1.7MHz




Similar Part No. - MAX14937AWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14937 MAXIM-MAX14937 Datasheet
1Mb / 16P
Two Channel, 5kVRMS I2C Isolator
Rev 4; 11/20
MAX14937 MAXIM-MAX14937 Datasheet
2Mb / 11P
Fully Assembled and Tested.
Rev 0; 5/15
MAX14937WEVKIT# MAXIM-MAX14937WEVKIT# Datasheet
2Mb / 11P
Fully Assembled and Tested.
Rev 0; 5/15
More results


Similar Description - MAX14937AWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
1Mb / 24P
Four-Channel, 5kVRMS Digital Isolators
Rev 0; 9/14
MAX12934 MAXIM-MAX12934 Datasheet
1Mb / 20P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 0; 8/17
MAX12935 MAXIM-MAX12935 Datasheet
1Mb / 20P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 0; 8/17
logo
Texas Instruments
ISO7021 TI1-ISO7021 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
ISO7021 TI1-ISO7021_V01 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
logo
Maxim Integrated Produc...
MAX14937 MAXIM-MAX14937 Datasheet
1Mb / 16P
Two Channel, 5kVRMS I2C Isolator
Rev 4; 11/20
MAX14933 MAXIM-MAX14933 Datasheet
1Mb / 16P
Two-Channel, 2.75kVRMS I2C Isolator
Rev 4; 11/20
MAX12930 MAXIM-MAX12930_V01 Datasheet
1Mb / 24P
Two-Channel, Low-Power, 3kVRMS and 5kVRMS Digital Isolators
2020
MAX12934 MAXIM-MAX12934_V01 Datasheet
1Mb / 21P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
2020
MAX14934 MAXIM-MAX14934_V01 Datasheet
1Mb / 23P
Four-Channel, 5kVRMS Digital Isolators
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com