Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX38911ANT+ Datasheet (PDF) - Analog Devices

MAX38911ANT+ Datasheet PDF - Analog Devices
Part # MAX38911ANT+
Download  MAX38911ANT+ Download
File Size   1730.78 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11μVRMS Low-Noise, 500mA LDO Linear Regulators with Low-Power Mode

MAX38911ANT+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX38911ANT+ Datasheet PDF - Analog Devices

Part # MAX38911ANT+
Download  MAX38911ANT+ Click to download

File Size   1730.78 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11μVRMS Low-Noise, 500mA LDO Linear Regulators with Low-Power Mode

MAX38911ANT+ Datasheet (HTML) - Analog Devices


MAX38911ANT+ Product details

Benefits and Features
• Delivers Wide, Flexible Operating Range
• 1.7V to 5.5V Input Supply Range
• 0.8V to 5.0V Output Voltage Range
• 500mA Maximum Output Current
• 24.3mV Dropout at 500mA Load and 5.0V Input
Voltage
• 19.2μA No-Load Supply Current in Low-Power
Mode
• 332μA Supply Current in Normal Mode
• <1μA Shutdown Supply Current
• Reduces Noise and Improves Accuracy
• 11μVRMS Output Noise, 10Hz to 100kHz
• 70dB PSRR at 10kHz, 250mA Load Current, and
300mV Input and Output Voltage Separation
• ±1% DC Accuracy overload, Line,
and Temperature Variations
• Enables Ease-of-Use and Robust Protection
• Active Discharge of 800Ω at OUT
• Stable with 2μF (Minimum Effective) Output
Capacitance
• Programmable Soft-Start Rate
• Overcurrent and Overtemperature Protection
• Reverse-Current Protection
• Power-OK Output
• Reduces Size and Improves Reliability
• 1.42mm x 0.83mm, 3 x 2, 6-Bump, 0.4mm Pitch
WLP
• 2mm x 2mm, 8-Pin TDFN Package
• -40°C to +125°C Operating Temperature




Similar Part No. - MAX38911ANT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38911 MAXIM-MAX38911 Datasheet
849Kb / 6P
Evaluation Kit
Rev 0; 8/20
More results


Similar Description - MAX38911ANT+

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
500mA, Low Noise, LDO Micropower Regulators
logo
Exar Corporation
SP6203EM5-L EXAR-SP6203EM5-L Datasheet
1Mb / 15P
300mA/500mA Low Noise CMOS LDO Regulators
logo
Linear Technology
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
500mA, Low Noise, LDO Micropower Regulators
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
500mA High PSRR, Low Noise, LDO Regulators
logo
Exar Corporation
SP6205EM5-L-3-3-TR EXAR-SP6205EM5-L-3-3-TR Datasheet
1Mb / 15P
300mA/500mA Low Noise CMOS LDO Regulators
logo
Maxim Integrated Produc...
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com