Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KARN-50+ Datasheet (PDF) - Mini-Circuits

KARN-50+ Datasheet PDF - Mini-Circuits
Part # KARN-50+
Download  KARN-50+ Download
File Size   119.31 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Termination N-Type

KARN-50+ Datasheet (PDF)

Go To PDF Page Download Datasheet
KARN-50+ Datasheet PDF - Mini-Circuits

Part # KARN-50+
Download  KARN-50+ Click to download

File Size   119.31 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Termination N-Type

KARN-50+ Datasheet (HTML) - Mini-Circuits




Similar Part No. - KARN-50+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KARN-50 MINI-KARN-50 Datasheet
116Kb / 1P
Termination TYPE-N 50??DC to 8 GHz
KARN-50-18 MINI-KARN-50-18 Datasheet
114Kb / 1P
Termination N-Type 50??DC to 18 GHz
More results


Similar Description - KARN-50+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KARN-50 MINI-KARN-50 Datasheet
116Kb / 1P
Termination TYPE-N 50??DC to 8 GHz
KARN-50-18 MINI-KARN-50-18 Datasheet
114Kb / 1P
Termination N-Type 50??DC to 18 GHz
logo
Advanced Technical Mate...
T5027A ATM-T5027A Datasheet
83Kb / 1P
OUTLINE, COAX TERMINATION, 50W, TYPE-N
logo
Pasternack Enterprises,...
PE6001-50 PASTERNACK-PE6001-50 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
PE6001-93 PASTERNACK-PE6001-93 Datasheet
76Kb / 1P
N MALE RESISTOR TERMINATION
PE6028-50 PASTERNACK-PE6028-50 Datasheet
76Kb / 1P
N FEMALE RESISTOR TERMINATION
PE6152 PASTERNACK-PE6152 Datasheet
107Kb / 1P
N MALE TERMINATION
PE6153 PASTERNACK-PE6153 Datasheet
107Kb / 1P
N MALE TERMINATION
PE6028-75 PASTERNACK-PE6028-75 Datasheet
76Kb / 1P
N FEMALE RESISTOR TERMINATION
logo
Mini-Circuits
TERM-500W-14N MINI-TERM-500W-14N Datasheet
251Kb / 1P
Termination N-Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com