Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2741N+ Datasheet (PDF) - Maxim Integrated Products

DS2741N+ Datasheet PDF - Maxim Integrated Products
Part # DS2741N+
Download  DS2741N+ Download
File Size   176.03 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current Monitor and Accumulator with Integrated Sense Resistor

DS2741N+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2741N+ Datasheet PDF - Maxim Integrated Products

Part # DS2741N+
Download  DS2741N+ Click to download

File Size   176.03 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current Monitor and Accumulator with Integrated Sense Resistor

DS2741N+ Datasheet (HTML) - Maxim Integrated Products


DS2741N+ Product details

General Description
The DS2741 current monitor/accumulator is a complete current-sensing, measuring, and accumulation device tailored for cost-sensitive, battery-powered applications in a small 3mm x 3mm TDFN package. As a result, the DS2741 is a key component in battery-charge control and remaining capacity-estimation applications.

Features
♦ Complete, Low-Cost, Integrated Current-Sensing and Accumulation Solution with Serial Digital Output
♦ On-Board 38mΩ Sense Resistor
♦ Current Measurement: Signed 10-Bit Bidirectional Measurement
    ±2.5A Dynamic Range
    1% Error at +25°C
    2% Error Over Temperature
♦ Current Accumulation:
    0.247mAhr LSB
    ±8.1Ahrs Full-Scale Range
♦ Industry-Standard I2C Interface with FactoryProgrammable Slave Address
♦ 2.5V to 4.5V Single-Supply Operation
♦ Low-Power Consumption:
    Active Current: 60µA (typ)
    Sleep Current: 1µA (typ)
♦ -20°C to +70°C Operating Range
♦ 14-Pin TDFN (3mm x 3mm x 0.8mm)

Applications
    Cell Phones
    PDAs
    Battery Monitor/Rechargers




Similar Part No. - DS2741N+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2741N+ MAXIM-DS2741N+ Datasheet
175Kb / 10P
Current Monitor and Accumulator with Integrated Sense Resistor
Rev 1; 7/09
DS2741N+T MAXIM-DS2741N+T Datasheet
175Kb / 10P
Current Monitor and Accumulator with Integrated Sense Resistor
Rev 1; 7/09
More results


Similar Description - DS2741N+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2741 MAXIM-DS2741_09 Datasheet
175Kb / 10P
Current Monitor and Accumulator with Integrated Sense Resistor
Rev 1; 7/09
logo
Texas Instruments
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
Bourns Electronic Solut...
CSS2H-3920R-1L00F BOURNS-CSS2H-3920R-1L00F Datasheet
383Kb / 2P
Current Sense Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
Linear Technology
LTC2947 LINER-LTC2947 Datasheet
3Mb / 30P
30A Power/Energy Monitor with Integrated Sense Resistor
logo
Analog Devices
LTC2947-65 AD-LTC2947-65 Datasheet
307Kb / 42P
65A Power/Energy Monitor with Integrated Sense Resistor
logo
ON Semiconductor
NCP303151A ONSEMI-NCP303151A Datasheet
695Kb / 17P
Integrated Driver and MOSFET with Integrated Current Monitor
June, 2020 ??Rev. 0
NCP303151 ONSEMI-NCP303151 Datasheet
827Kb / 18P
Integrated Driver and MOSFET with Integrated Current Monitor
August, 2018 ??Rev. 1
NCP303150D ONSEMI-NCP303150D Datasheet
596Kb / 19P
Integrated Driver and MOSFET with Integrated Current Monitor
October, 2019 - Rev. 2
NCP303160A ONSEMI-NCP303160A Datasheet
1Mb / 23P
Integrated Driver and MOSFET with Integrated Current Monitor
June, 2023 - Rev. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com