Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9939AUB+ Datasheet (PDF) - Maxim Integrated Products

MAX9939AUB+ Datasheet PDF - Maxim Integrated Products
Part # MAX9939AUB+
Download  MAX9939AUB+ Download
File Size   308.43 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI Programmable-Gain Amplifier with Input Vos Trim and Output Op Amp

MAX9939AUB+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9939AUB+ Datasheet PDF - Maxim Integrated Products

Part # MAX9939AUB+
Download  MAX9939AUB+ Click to download

File Size   308.43 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SPI Programmable-Gain Amplifier with Input Vos Trim and Output Op Amp

MAX9939AUB+ Datasheet (HTML) - Maxim Integrated Products


MAX9939AUB+ Product details

General Description

The MAX9939 is a general-purpose, differential-input programmable-gain amplifier (PGA) that is ideal for conditioning a variety of wide dynamic range signals such as those found in motor current-sense, medical instrumentation, and sonar data acquisition applications. It features SPI™-programmable differential gains from 0.2V/V to 157V/V, input offset-voltage compensation, and an output amplifier that can be configured either as a high-order active filter or to provide a differential output.



Features

♦ SPI-Programmable Gains: 0.2V/V to 157V/V

♦ Extremely Low Gain Tempco

♦ Integrated Amplifier for R/C Programmable Active Filter

♦ Input Offset-Voltage Compensation

♦ Input Protection to ±16V

♦ 13µA Software Shutdown Mode

♦ -40°C to +125°C Operating Temperature Range

♦ 10-Pin µMAX Package



Applications

  Sensorless Motor Control

  Medical Signal Conditioning

  Sonar and General Purpose Data Acquisition

  Differential to Single-Ended Conversion

  Differential-Input, Differential-Output Signal Amplification

  Sensor Interface and Signal Processing



 




Similar Part No. - MAX9939AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9939AUB+ MAXIM-MAX9939AUB+ Datasheet
368Kb / 15P
SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
Rev 1; 2/09
MAX9939AUB+ MAXIM-MAX9939AUB+ Datasheet
1Mb / 15P
SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
2019
More results


Similar Description - MAX9939AUB+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5506 NSC-CLC5506 Datasheet
250Kb / 12P
Gain Trim Amplifier (GTA)
LMV751 NSC-LMV751 Datasheet
259Kb / 8P
Low Noise, Low Vos, Single Op Amp
logo
Elantec Semiconductor
EL2006 ELANTEC-EL2006 Datasheet
247Kb / 12P
High Gain Fast FET Input Op Amp
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
logo
Maxim Integrated Produc...
MAX9939 MAXIM-MAX9939_09 Datasheet
368Kb / 15P
SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
Rev 1; 2/09
MAX9939 MAXIM-MAX9939_10 Datasheet
304Kb / 15P
SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
Rev 2; 12/10
logo
National Semiconductor ...
LMV751 NSC-LMV751_14 Datasheet
901Kb / 18P
LMV751 Low Noise, Low Vos, Single Op Amp
logo
Texas Instruments
LMV751 TI1-LMV751 Datasheet
907Kb / 18P
LMV751 Low Noise, Low Vos, Single Op Amp
logo
Maxim Integrated Produc...
MAX17094EVKIT MAXIM-MAX17094EVKIT Datasheet
569Kb / 13P
Digitally Programmable Op-Amp Output Voltage
Rev 0; 2/09
MAX9939 MAXIM-MAX9939_V01 Datasheet
1Mb / 15P
SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com