Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15031ATE+ Datasheet (PDF) - Maxim Integrated Products

MAX15031ATE+ Datasheet PDF - Maxim Integrated Products
Part # MAX15031ATE+
Download  MAX15031ATE+ Download
File Size   379.31 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 80V, 300mW Boost Converter and Current Monitor for APD Bias Applications

MAX15031ATE+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15031ATE+ Datasheet PDF - Maxim Integrated Products

Part # MAX15031ATE+
Download  MAX15031ATE+ Click to download

File Size   379.31 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 80V, 300mW Boost Converter and Current Monitor for APD Bias Applications

MAX15031ATE+ Datasheet (HTML) - Maxim Integrated Products


MAX15031ATE+ Product details

General Description
The MAX15031 consists of a constant-frequency pulse width modulating (PWM) step-up DC-DC converter with an internal switch and a high-side current monitor with high-speed adjustable current limiting. This device can generate output voltages up to 76V and provides current monitoring up to 4mA (up to 300mW). The MAX15031 can be used for a wide variety of applications such as avalanche photodiode biasing, PIN biasing, or varactor biasing, and LCD displays. The MAX15031 operates from 2.7V to 11V.

Features
♦ Input Voltage Range
   +2.7V to +5.5V (Using Internal Charge Pump) or
   +5.5V to +11V
♦ Wide Output-Voltage Range from (VIN + 1V) to 76V
♦ Internal 1Ω (typ) 80V Switch
♦ 300mW Boost Converter Output Power
♦ Accurate ±10% (500nA to 1mA) and ±3.5% (1mA to 4mA) High-Side Current Monitor
♦ Resistor-Adjustable Ultra-Fast APD Current Limit (1µs Response Time)
♦ Open-Drain Current-Limit Indicator Flag
♦ 400kHz Fixed Switching Frequency
♦ Constant PWM Frequency Provides Easy Filtering in Low-Noise Applications
♦ Internal Soft-Start
♦ 2µA (max) Shutdown Current
♦ -40°C to +125°C Temperature Range
♦ Small Thermally Enhanced, 4mm x 4mm, 16-Pin TQFN Package




Similar Part No. - MAX15031ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031ATE+ MAXIM-MAX15031ATE+ Datasheet
477Kb / 17P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
More results


Similar Description - MAX15031ATE+

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
logo
Maxim Integrated Produc...
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
90V Step-Up Converter with APD Current Monitor
logo
Taiwan Memory Technolog...
I7990N TMT-I7990N Datasheet
26Kb / 1P
Boost Converter and Current Monitor for APD
logo
Linear Technology
LT3482 LINER-LT3482_15 Datasheet
202Kb / 12P
90V Boost DC/DC Converter with APD Current Monitor
LT3571 LINER-LT3571_15 Datasheet
225Kb / 16P
75V DC/DC Converter for APD Bias
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
Boost DC/DC Converter with APD Current Monitor
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com